Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC812-44CVTR Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC812-44CVTR
Description  Reset Circuits with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC812-44CVTR Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC812-44CVTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC812-44CVTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC812-44CVTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC812-44CVTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC812-44CVTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC812-44CVTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC812-44CVTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC812-44CVTR Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AIC811/AIC812
BLOCK DIAGRAM
6
RPULL_UP
20K
R2
R1
MR
GND
RESET
(RESET)
Reset Generator
-
+
Bandgap
VCC
PIN DESCRIPTIONS
GND Pin
:
Ground.
RESET Pin (AIC811) : Active low output pin. RESET Output remains low while Vcc below reset
threshold.
RESET Pin (AIC812) :
Active high output pin. RESET output remains high while Vcc below reset
threshold.
MR Pin
:
Logic low manual reset input. This active-low input has an internal 20k
Ω pull-up
resistor. It can be driven by a TTL or CMOS, or shorted to ground with a switch.
Leave open when unused.
Vcc Pin
:
Supply voltage.
DETAILED DESCRIPTIONS OF TECHNICAL TERMS
If a brownout condition occurs (VCC drops below
the reset threshold), RESET goes low. Any time
VCC goes below the reset threshold, the internal
timer resets to zero, and RESET goes low. The
internal timer is activated after VCC returns
above the reset threshold, and RESET remains
low for the reset timeout period.
RESET OUTPUT
μ
P will be activated at a valid reset state. These
μ
P supervisory circuits assert reset to prevent
code
execution
errors
during
power-up,
power-down, or brownout conditions.
RESET is guaranteed to be a logic low for
VTH>VCC>0.9V. Once VCC exceeds the reset
threshold, an internal timer keeps RESET low
for the reset timeout period; after this interval,
RESET goes high.
The manual reset input ( MR ) can also initiate a
reset. AIC812 has an active-high RESET output
that is the inverse of AIC811’s RESET output.


Similar Part No. - AIC812-44CVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC810 AIC-AIC810 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUBG AIC-AIC810-23CUBG Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUTR AIC-AIC810-23CUTR Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUBG AIC-AIC810-23PUBG Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUTR AIC-AIC810-23PUTR Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AIC812-44CVTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com