Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2751E Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2751E
Description  Multichemistry Fuel Garge
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2751E Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2751E Datasheet HTML 4Page - Maxim Integrated Products DS2751E Datasheet HTML 5Page - Maxim Integrated Products DS2751E Datasheet HTML 6Page - Maxim Integrated Products DS2751E Datasheet HTML 7Page - Maxim Integrated Products DS2751E Datasheet HTML 8Page - Maxim Integrated Products DS2751E Datasheet HTML 9Page - Maxim Integrated Products DS2751E Datasheet HTML 10Page - Maxim Integrated Products DS2751E Datasheet HTML 11Page - Maxim Integrated Products DS2751E Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DS2751
8 of 19
CURRENT MEASUREMENT
In the active mode of operation, the DS2751 continually measures the current flow into and out of the
battery by measuring the voltage drop across a current-sense resistor. The DS2751 is available in two
configurations: 1) internal 25m
W current-sense resistor, and 2) external user-selectable sense resistor. In
either configuration, the DS2751 considers the voltage difference between pins IS1 and IS2 (VIS = VIS1 -
VIS2) to be the filtered voltage drop across the sense resistor. A positive VIS value indicates current is
flowing into the battery (charging), while a negative VIS value indicates current is flowing out of the
battery (discharging).
VIS is measured with a signed resolution of 12 bits. The Current Register is updated in two’s-complement
format every 88ms with an average of 128 measurements. Currents outside the range of the register are
reported at the limit of the range. The format of the Current Register is shown in Figure 3.
For the internal sense resistor configuration, the DS2751 maintains the Current Register in units of amps,
with a resolution of 0.625mA and full-scale range of no less than
±1.9A (see Note 7 on IFS spec for more
details). The DS2751 automatically compensates for internal sense-resistor process variations and
temperature effects when reporting current.
For the external sense resistor configuration, the DS2751 updates the measured VIS voltage to the Current
Register in units of volts, with a resolution of 15.625
mV and a ±64mV full-scale range.
Figure 3. CURRENT REGISTER FORMAT
MSB—Address 0E
LSB—Address 0F
S
211 210 29
28
27
26
25
24
23
22
21
20
X
X
X
MSb
LSb
MSb
LSb
Units: 0.625mA for internal sense resistor
15.625
mV for external sense resistor
CURRENT ACCUMULATOR
The Current Accumulator facilitates remaining capacity estimation by tracking the net current flow into
and out of the battery. Current flow into the battery increments the Current Accumulator, while current
flow out of the battery decrements it. Data is maintained in the Current Accumulator in two’s-
complement format. The format of the Current Accumulator is shown in Figure 4.
When the internal sense resistor is used, the DS2751 maintains the Current Accumulator in units of amp-
hours, with a resolution of 0.25mAhrs and a
±8.2Ahrs full-scale range. When using an external sense
resistor, the DS2751 maintains the Current Accumulator in units of volt-hours, with a resolution of
6.25
mVhrs and a ±205mVhrs full-scale range.
The Current Accumulator is a read/write register that can be altered by the host system as needed.


Similar Part No. - DS2751E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2751E MAXIM-DS2751E Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751E++ MAXIM-DS2751E+ Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751E+025 MAXIM-DS2751E+025 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751E+025/TR MAXIM-DS2751E+025/TR Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751E+TR MAXIM-DS2751E+TR Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
More results

Similar Description - DS2751E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
Mallory performance clu...
4305M MALLORY-4305M Datasheet
130Kb / 2P
   FUEL PRESSURE REGULATOR FOR FUEL INJECTION
PN5250 MALLORY-PN5250 Datasheet
436Kb / 8P
   Mallory Fuel Series 250 Electric Fuel Pump
PN29389 MALLORY-PN29389 Datasheet
151Kb / 2P
   Competition Fuel Pressure Regulator For Fuel Injection
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Mallory performance clu...
PN22256 MALLORY-PN22256 Datasheet
310Kb / 8P
   Mallory Fuel Series 70 Electric Fuel Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com