Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041V33-25VC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1041V33-25VC
Description  256K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041V33-25VC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1041V33-25VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041V33-25VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041V33-25VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041V33-25VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041V33-25VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041V33-25VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041V33-25VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041V33-25VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041V33-25VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY7C1041V33
5
Switching Characteristics[4] Over the Operating Range (continued)
Parameter
Description
1041V33-20
1041V33-25
Unit
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
20
25
ns
tAA
Address to Data Valid
20
25
ns
tOHA
Data Hold from Address Change
3
5
ns
tACE
CE LOW to Data Valid
20
25
ns
tDOE
OE LOW to Data Valid
8
10
ns
tLZOE
OE LOW to Low Z
0
0
ns
tHZOE
OE HIGH to High Z[5, 6]
810
ns
tLZCE
CE LOW to Low Z[6]
35
ns
tHZCE
CE HIGH to High Z[5, 6]
810
ns
tPU
CE LOW to Power-Up
0
0
ns
tPD
CE HIGH to Power-Down
20
25
ns
tDBE
Byte Enable to Data Valid
8
10
ns
tLZBE
Byte Enable to Low Z
0
0
ns
tHZBE
Byte Disable to High Z
8
10
ns
WRITE CYCLE[7,8]
tWC
Write Cycle Time
20
25
ns
tSCE
CE LOW to Write End
13
15
ns
tAW
Address Set-Up to Write End
13
15
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
tPWE
WE Pulse Width
13
15
ns
tSD
Data Set-Up to Write End
9
10
ns
tHD
Data Hold from Write End
0
0
ns
tLZWE
WE HIGH to Low Z[6]
35
ns
tHZWE
WE LOW to High Z[5, 6]
810
ns
tBW
Byte Enable to End of Write
13
15
ns
Data Retention Characteristics Over the Operating Range (For L version only)
Parameter
Description
Conditions[10]
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = VDR = 2.0V,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
330
µA
tCDR
[3]
Chip Deselect to Data
Retention Time
0
ns
tR
[9]
Operation Recovery Time
tRC
ns
Notes:
9.
tr < 3 ns for the –12 and –15 speeds. tr < 5 ns for the –20 and slower speeds.
10. No input may exceed VCC + 0.5V.


Similar Part No. - CY7C1041V33-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY7C1041-15VC CYPRESS-CY7C1041-15VC Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY7C1041-15VI CYPRESS-CY7C1041-15VI Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY7C1041-15ZC CYPRESS-CY7C1041-15ZC Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY7C1041-15ZI CYPRESS-CY7C1041-15ZI Datasheet
182Kb / 10P
   256K x 16 Static RAM
More results

Similar Description - CY7C1041V33-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com