Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28408ZCT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28408ZCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28408ZCT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28408ZCT Datasheet HTML 7Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 8Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 9Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 10Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 11Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 12Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 13Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 14Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CY28408
Document #: 38-07617 Rev. **
Page 11 of 19
PD# – Deassertion
The power-up latency between PD# rising to a valid logic ‘1’
level and the starting of all clocks is less than 1.8 ms.
PCI
PD#
CPUT
CPUC
REF
48M_USB
3V66
Figure 7. Power-down Assertion Timing Waveforms
REF
Tdrive_PWRDN#
<300
µs, >200mV
PD#
CPUC
CPUT
3V66
48M_USB
PCI
Tstable
<1.8ms
Figure 8. Power-down Assertion Timing Waveforms
Table 10.PD# Functionality
PD#
3V66
PCI_F
PCI
USB/DOT
1
66 MHz
33 MHz
33 MHz
48 MHz
0
Low
Low
Low
Low


Similar Part No. - CY28408ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408ZCT SPECTRALINEAR-CY28408ZCT Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28408ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com