Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC811-44PVTR Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC811-44PVTR
Description  Reset Circuits with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC811-44PVTR Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  AIC811-44PVTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC811-44PVTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC811-44PVTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC811-44PVTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC811-44PVTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC811-44PVTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC811-44PVTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC811-44PVTR Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AIC811/AIC812
MANUAL RESET INPUT
Many μ P-based products require manual reset
capability, allowing operators, test technicians, or
external logic circuitry to initiate a reset. Logic low
on MR asserts reset. Reset will remain asserted
for the Reset Active Timeout Period (tRP) after MR
returns high. This input has an internal 20K Ω
pull-up resistor, so it can be floating if it is not used.
MR can be driven with TTL or CMOS-logic levels,
or with open-drain/collector outputs. Another
alternative is to connect a normal switch from MR
to GND to create a manual reset function.
Connecting a 0.1µF capacitor from MR to ground
can provide noise immunity to prevent noise caused
by long cables of MR or noisy environment.
BENEFITS OF HIGHLY ACCURATE RESET
THRESHOLD
AIC811/812 with specified voltage as 5V±10% or
3V±10% are ideal for systems using a 5V±5% or 3V
±
5% power supply. The reset is guaranteed to
assert after the power supply falls out of regulation,
but before power drops below the minimum
specified operating voltage range of the system ICs.
The pre-trimmed thresholds are reducing the range
over which an undesirable reset may occur.
APPLICATION INFORMATION
NEGATIVE-GOING VCC TRANSIENTS
In addition to issuing a reset to the μP during
power-up, power-down, and brownout conditions,
AIC811
series
are
relatively
resistant
to
short-duration negative-going VCC transient.
ENSURING A VALID RESET OUTPUT DOWN
TO VCC=0
When VCC falls below 0.9V, AIC811 RESET
output no longer sinks current; it becomes an open
circuit. In this case, high-impedance CMOS logic
inputs connecting to RESET
can drift to
undetermined voltages. Therefore, AIC811/2 with
CMOS is perfect for most applications of VCC
below 0.9V. However in applications where
RESET must be valid down to 0V, adding a
pull-down resistor to RESET causes any leakage
currents to flow to ground, holding RESET low.
INTERFACING TO μP WITH BIDIRECTIONAL
RESET PINS
μ
Ps with bidirectional reset pins can contend with
AIC811/812 reset outputs. If AIC811 RESET
output is asserted high and the μP wants to pull it
low, indeterminate logic levels may occur. To
correct such cases, connect a resistor between
AIC811 RESET (or AIC812 RESET) output and
theμP reset I/O. Buffer the reset output to other
system components.
7


Similar Part No. - AIC811-44PVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC810 AIC-AIC810 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUBG AIC-AIC810-23CUBG Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUTR AIC-AIC810-23CUTR Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUBG AIC-AIC810-23PUBG Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUTR AIC-AIC810-23PUTR Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AIC811-44PVTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com