Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS225-313LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AS225-313LF
Description  PHEMT GaAs IC 1 W Low Loss 0.1-6 GHz SPDT Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS225-313LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AS225-313LF Datasheet HTML 1Page - Skyworks Solutions Inc. AS225-313LF Datasheet HTML 2Page - Skyworks Solutions Inc. AS225-313LF Datasheet HTML 3Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 15, 2005 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice. • 200148 Rev. A
DATA SHEET • AS225-313, AS225-313LF
2
Parameter
Test Condition
Frequency
Min.
Typ.
Max.
Unit
Insertion loss
J1–J2,J1–J3
0.10–6.00 GHz
0.60
0.75
dB
2.40–2.50 GHz
0.50
0.65
dB
5.15–5.85 GHz
0.60
0.70
dB
Isolation
J1–J2,J1–J3
0.10–6.00 GHz
18
20
dB
2.40–2.50 GHz
18
20
dB
5.15–5.85 GHz
19
21
dB
Return loss
J1–J2,J1–J3
0.10–6.00 GHz
18
20
dB
2.40–2.50 GHz
23
25
dB
5.15–5.85 GHz
21
23
dB
Electrical Specifications at 25 °C
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
P1 dB
@ 3.0 V
5200 MHz
30
dBm
@ 5.0 V
5200 MHz
34
dBm
2nd harmonic
PIN = 22 dBm, VC = 3 V
2450 MHz
70
dBc
VC = 5 V
2450 MHz
75
dBc
3rd harmonic
PIN = 22 dBm, VC = 3 V
2450 MHz
68
dBc
VC = 5 V
2450 MHz
70
dBc
Input IP3
Two-tone 15 dBm, 5 MHz spacing
0/3 V
5200 MHz
53
dBm
0/5 V
5200 MHz
55
dBm
Control voltage
VC HIGH
2.5
3.0
5.0
V
VC LOW
-0.25
+0.25
V
Gate leakage
VC = 3 V
10
100
µA
VC = 5 V
15
200
µA
Operating Characteristics at 25 °C


Similar Part No. - AS225-313LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS225-313LF SKYWORKS-AS225-313LF Datasheet
642Kb / 9P
   PHEMT GaAs IC 1 W Low-Loss 0.1 to 6 GHz SPDT Switch
AS225-313LF SKYWORKS-AS225-313LF_17 Datasheet
642Kb / 9P
   PHEMT GaAs IC 1 W Low-Loss 0.1 to 6 GHz SPDT Switch
More results

Similar Description - AS225-313LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS225-313LF SKYWORKS-AS225-313LF_17 Datasheet
642Kb / 9P
   PHEMT GaAs IC 1 W Low-Loss 0.1 to 6 GHz SPDT Switch
AS213-92 SKYWORKS-AS213-92_08 Datasheet
240Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1?? GHz
AS222-92 SKYWORKS-AS222-92_07 Datasheet
182Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92 Datasheet
62Kb / 2P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS214-92 SKYWORKS-AS214-92_06 Datasheet
179Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS222-92 SKYWORKS-AS222-92 Datasheet
51Kb / 2P
   PHEMT GaAs IC SPDT Switch 0.1 - 3 GHz
AS213-92 SKYWORKS-AS213-92_06 Datasheet
190Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS214-92 SKYWORKS-AS214-92 Datasheet
71Kb / 2P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS218-000 SKYWORKS-AS218-000 Datasheet
129Kb / 4P
   PHEMT GaAs IC High-Power Transfer Switch 0.1-6 GHz
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com