Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OL3204N-40 Datasheet(PDF) 4 Page - OKI electronic componets

Part # OL3204N-40
Description  1.3 關m High-Power Laser-Diode DIP Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL3204N-40 Datasheet(HTML) 4 Page - OKI electronic componets

  OL3204N-40 Datasheet HTML 1Page - OKI electronic componets OL3204N-40 Datasheet HTML 2Page - OKI electronic componets OL3204N-40 Datasheet HTML 3Page - OKI electronic componets OL3204N-40 Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
LASER DIODES
OL3201N-40, OL3204N-40
• OL3201N-40, OL3204N-40
Oscillation Spectrum
Wavelength (nm)
1275
1300
1325
0.2
0.4
0.6
0.8
1
Pf=40 mW
0


Similar Part No. - OL3204N-40

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3204N-100 OKI-OL3204N-100 Datasheet
44Kb / 3P
   1.3 mm High-Power DIP Module with 9mm Profile
OL3204N-100P OKI-OL3204N-100P Datasheet
44Kb / 3P
   1.3 mm High-Power DIP Module with 9mm Profile
More results

Similar Description - OL3204N-40

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3200N-5 OKI-OL3200N-5 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode DIP Module
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
   1.3 關m Laser-Diode DIP Module
OL395N-20 OKI-OL395N-20 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode Coaxial Module
OL5201N-25 OKI-OL5201N-25 Datasheet
49Kb / 4P
   1.55 關m High-Power Laser-Diode DIP Module
OL5200N OKI-OL5200N Datasheet
44Kb / 3P
   1.55 關m Laser-Diode DIP Module
OL5200N-5 OKI-OL5200N-5 Datasheet
44Kb / 3P
   1.55 關m Laser Diode DIP Module
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OE3202G-004 OKI-OE3202G-004 Datasheet
46Kb / 4P
   1.3 關m Edge-Emitting LED DIP Module
OL595N-20 OKI-OL595N-20 Datasheet
42Kb / 2P
   1.55 關m High-Power Laser-Diode Coaxial Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
   1.55 關m Laser-Diode Coaxial Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com