Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2820S21 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2820S21
Description  10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2820S21 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2820S21 Datasheet HTML 4Page - Analog Devices ADN2820S21 Datasheet HTML 5Page - Analog Devices ADN2820S21 Datasheet HTML 6Page - Analog Devices ADN2820S21 Datasheet HTML 7Page - Analog Devices ADN2820S21 Datasheet HTML 8Page - Analog Devices ADN2820S21 Datasheet HTML 9Page - Analog Devices ADN2820S21 Datasheet HTML 10Page - Analog Devices ADN2820S21 Datasheet HTML 11Page - Analog Devices ADN2820S21 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADN2820
Rev. 0 | Page 8 of 12
APPLICATIONS
OPTICAL SENSITIVITY
)
1
(
2
)
/
1000
(
)
1
(
)
/
(
log
10
)
(
10
ρ
×
+
×
+
α
×
=
ER
W
mW
ER
Z
V
I
dBm
y
Sensitivit
T
S
RMS
where:
ρ = photodiode responsivity (A/W), 0.85 A/W typical
IRMS = TIA input referred noise (A), typically 1.05 µA for the
ADN2820
α = BER factor, α = 14.1 for 10–12 BER
ER = extinction ratio, 8 dB typical
VS = PA/CDR input sensitivity (V), 5 mV to 100 mV
ZT = TIA transimpedance (V/A), 5 kΩ for ADN2820
Table 5. Optical Sensitivity
Transimpedance (ZT)
Optical Input Sensitivity (dBm)
2 kΩ
5 kΩ
Infinite
100 mV
–13.1
–15.7
–19.3
50 mV
–15.1
–17.1
–19.3
25 mV
–16.7
–18.1
–19.3
10 mV
–18.1
–18.8
–19.3
PA/CDR
Input
Sensitivity (VS)
5 mV
–18.7
–19.0
–19.3
OPTICAL POWER MONITOR
Average optical power monitor (OPM) measurement is a
recommended diagnostic feature in module multisource
specification agreements (MSAs) such as the 300-pin 10 Gb
transponder (MSA300) and 10 Gb form factor pluggable
module (XFP) specifications.
The ADN2820 enables the simple calculation of OPM using the
POWMON output, which is linearly proportional to the average
input current. When monitoring the POWMON output,
connect to a high impedance input; typical POWMON output
impedance is 1 kΩ. To disable the POWMON feature, leave the
pad floating (not bonded).
Assuming linear diode responsivity ρ, average input current is
linearly proportional to average input power:
IIN,AVE (A) = ρ (A/W) × PIN,AVE (W)
Ideally,
POWMON (V) = ρ (A/W) × PIN,AVE (W) ×
POWMONGAIN (V/A) + POWMONOFFSET (V)
From a POWMON measurement, the average input power can
be estimated by calculating the optical power monitor (OPM):
OPM (W) = (POWMON (V) – POWMONOFFSET (V))/(ρ (A/W)
× POWMONGAIN (V/A))
OPM calculation from typical ADN2820 POWMON versus
IIN,AVE measurement data:
(POWMONOFFSET = 20 mV, POWMONGAIN = 1 V/mA, ρ =1 A/W)
–30
–25
–20
–15
–10
–5
0
–20
–15
–30
–25
–10
–5
0
AVERAGE INPUT POWER (dBm)
Figure 13. POWMON Transfer Function
–1.0
–0.6
–0.2
0.2
0.6
1.0
–20
–15
–30
–25
–10
–5
0
AVERAGE INPUT POWER (dBm)
Figure 14. POWMON Accuracy


Similar Part No. - ADN2820S21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
More results

Similar Description - ADN2820S21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
logo
Optoway Technology Inc
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
   3.3V / 1.25 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-7330 OPTOWAY-PT-7330_09 Datasheet
103Kb / 3P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-7330 OPTOWAY-PT-7330 Datasheet
147Kb / 4P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
logo
Unity Opto Technology
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com