Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2820ACHIPS Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2820ACHIPS
Description  10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2820ACHIPS Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2820ACHIPS Datasheet HTML 4Page - Analog Devices ADN2820ACHIPS Datasheet HTML 5Page - Analog Devices ADN2820ACHIPS Datasheet HTML 6Page - Analog Devices ADN2820ACHIPS Datasheet HTML 7Page - Analog Devices ADN2820ACHIPS Datasheet HTML 8Page - Analog Devices ADN2820ACHIPS Datasheet HTML 9Page - Analog Devices ADN2820ACHIPS Datasheet HTML 10Page - Analog Devices ADN2820ACHIPS Datasheet HTML 11Page - Analog Devices ADN2820ACHIPS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADN2820
Rev. 0 | Page 9 of 12
OUTPUT OFFSET ADJUST INPUT
Long reach optical links may suffer from unbalanced 1 and 0
signal shaping due to dispersion and/or optical or avalanche
amplification noise. The ADN2820 enables the user to adjust
the input-referred slice level by adjusting the output offset with
the ADN2820’s outputs dc-coupled.
With the OFFSET pad open (not bonded), the average output
voltage offset [OUT – OUTB] is internally balanced to be less
than ±5 mV. When externally driven by a voltage source, the
ADN2820 average output voltage offset [OUT – OUTB] is
linearly proportional to an applied OFFSET input voltage:
Applied Offset (V) = (OFFSET (V) – ~1.6 V) × OFFSETGAIN (mV/V)
where:
OFFSET = voltage applied to the OFFSET pad
OFFSETGAIN = 120 mV/V
With transimpedance, TZ, the input referred slice adjust can be
calculated from the following equation:
Input Slice Adjust = 1/TZ × (OFFSET (V) – ~1.6 V) × OFFSETGAIN (mV/V))
–50
–40
–30
–20
–10
0
10
20
30
40
50
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
OFFSET CONTROL INPUT (V)
Figure 15. Input Slice Adjust vs. OFFSET Calculation Using Typical
[OUT,OUTB] vs. OFFSET Measurement Data
LOW FREQUENCY TRANSIMPEDANCE CUTOFF
CAPACITOR SELECTION
Digital encoding methods may generate long strings of 1s or 0s,
requiring the transimpedance amplifier pass band to extend to
1 MHz or below. To accommodate this requirement, the
ADN2820 has –3 dB low frequency transimpedance cutoff set
by external capacitor CLF. For CLF, values greater than 1000 pF,
the typical –3 dB low frequency transimpedance cutoff can be
estimated by the equation
f–3dB ~ 2 kHz × (1 µF/CLF)
Because CLF is not part of the 10 Gbps signal chain, it is not
required to be a high frequency capacitor type. A ceramic
capacitor is recommended.
1k
10k
100k
1M
10M
100M
0.1nF
1nF
1pF
10pF
10nF
0.1
µF1µF
EXTERNAL CLF CAPACITANCE VALUE
Figure 16. Low Frequency Transimpedance Cutoff vs. CLF Capacitance Using
Typical Data with a 0.1 µF Ceramic Capacitor and Simulation Results with
1 pF to 1 µF Capacitance


Similar Part No. - ADN2820ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
More results

Similar Description - ADN2820ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
logo
Optoway Technology Inc
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
   3.3V / 1.25 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-7330 OPTOWAY-PT-7330_09 Datasheet
103Kb / 3P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-7330 OPTOWAY-PT-7330 Datasheet
147Kb / 4P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
logo
Unity Opto Technology
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com