Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG884BRMZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADG884BRMZ-REEL
Description  DUAL 2:1 MUX/SPDT AUDIO SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG884BRMZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADG884BRMZ-REEL Datasheet HTML 1Page - Analog Devices ADG884BRMZ-REEL Datasheet HTML 2Page - Analog Devices ADG884BRMZ-REEL Datasheet HTML 3Page - Analog Devices ADG884BRMZ-REEL Datasheet HTML 4Page - Analog Devices ADG884BRMZ-REEL Datasheet HTML 5Page - Analog Devices ADG884BRMZ-REEL Datasheet HTML 6Page - Analog Devices ADG884BRMZ-REEL Datasheet HTML 7Page - Analog Devices ADG884BRMZ-REEL Datasheet HTML 8Page - Analog Devices ADG884BRMZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG884
Rev. A | Page 4 of 16
VDD = 3.4 V to 4.2 V; GND = 0 V, unless otherwise noted.1
Table 3.
Parameter
25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
0.33
Ω typ
VDD = 3.4 V, VS = 0 V to VDD, IS = 100 mA
0.38
0.45
Ω max
See Figure 18
On Resistance Match Between
0.013
Ω typ
VDD = 3.4 V, VS = 2 V, IS = 100 mA
Channels, ∆RON
0.042
0.065
Ω max
On Resistance Flatness, RFLAT (ON)
0.13
Ω typ
VDD = 3.4 V, VS = 0 V to VDD
0.155
0.175
Ω max
IS = 100 mA
LEAKAGE CURRENTS
VDD = 4.2 V
Source Off Leakage, IS (OFF)
±0.2
nA typ
VS = 0.6 V/3.9 V, VD = 3.9 V/0.6 V; see Figure 19
Channel On Leakage, ID, IS (ON)
±0.2
nA typ
VS = VD = 0.6 V or 3.9 V; see Figure 20
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS2
tON
42
ns typ
RL = 50 Ω, CL = 35 pF
50
54
ns max
VS = 1.5 V/0 V; see Figure 21
tOFF
15
ns typ
RL = 50 Ω, CL = 35 pF
21
24
ns max
VS = 1.5 V; see Figure 21
Break-Before-Make Time Delay, tBBM
17
ns typ
RL = 50 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 1.5 V; see Figure 22
Charge Injection
100
pC typ
VS = 1.5 V, RS = 0 Ω, CL = 1 nF; see Figure 23
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz;
see Figure 24
Channel-to-Channel Crosstalk
−120
dB typ
S1A−S2A/S1B−S2B, RL = 50 Ω, CL = 5 pF,
f = 100 kHz; see Figure 27
−60
dB typ
S1A−S1B/S2A−S2B, RL = 50 Ω, CL = 5 pF,
f = 100 kHz; see Figure 25
Total Harmonic Distortion, THD + N
0.01
%
RL = 32 Ω, f = 20 Hz to 20 kHz,
VS = 2 V p-p
Insertion Loss
−0.03
dB typ
RL = 50 Ω, CL = 5 pF; see Figure 26
−3 dB Bandwidth
18
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 26
CS (OFF)
110
pF typ
CD, CS (ON)
300
pF typ
POWER REQUIREMENTS
VDD = 4.2 V
IDD
0.003
μA typ
Digital inputs = 0 V or 4.2 V
1
μA max
1 Temperature range of the B version is −40°C to +85°C.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG884BRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG884 AD-ADG884 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG884 AD-ADG884 Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Cirrus Logic
ADG884 CIRRUS-ADG884 Datasheet
339Kb / 10P
   Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
logo
Analog Devices
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
More results

Similar Description - ADG884BRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
EVAL-ADG884EBZ AD-EVAL-ADG884EBZ Datasheet
304Kb / 16P
   0.5 廓 CMOS, Dual 2:1 MUX/SPDT Audio Switch
REV. D
logo
Pericom Semiconductor C...
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
logo
Pericom Semiconductor C...
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
logo
Analog Devices
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG849 AD-ADG849_15 Datasheet
348Kb / 12P
   SPDT/2:1 Mux in SC70
REV. 0
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com