Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z6V2ST1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM3Z6V2ST1
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z6V2ST1 Datasheet(HTML) 2 Page - ON Semiconductor

  MM3Z6V2ST1 Datasheet HTML 1Page - ON Semiconductor MM3Z6V2ST1 Datasheet HTML 2Page - ON Semiconductor MM3Z6V2ST1 Datasheet HTML 3Page - ON Semiconductor MM3Z6V2ST1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MM3Z2V4ST1 SERIES
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted,
VF = 0.9 V Max. @ IF = 10 mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
QVZ
Maximum Temperature Coefficient of VZ
C
Max. Capacitance @VR = 0 and f = 1 MHz
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS (VF = 0.9 Max @ IF = 10 mA for all types)
Test
Zener Voltage VZ
ZZK IZ
= 0.5
ZZT
IZ = IZT
@ 10%
Max
IR @ VR
dVZ/dt (mV/k)
@ IZT1 = 5 mA
C pF Max @
Device
Device
Marking
Test
Current
Izt mA
Min
Max
= 0.5
mA
W
Max
@ 10%
Mod
W
Max
mA
V
Min
Max
C pF Max @
VR = 0
f = 1 MHz
MM3Z2V4ST1
T2
5.0
2.43
2.63
1000
100
120
1.0
−3.5
0
450
MM3Z2V7ST1
T3
5.0
2.67
2.91
1000
100
100
1.0
−3.5
0
450
MM3Z3V3ST1
T5
5.0
3.32
3.53
1000
95
5.0
1.0
−3.5
0
450
MM3Z3V3TT1, G
TX
5.0
3.19
3.41
100
95
5.0
1.0
−3.5
0
450
MM3Z3V6ST1, G
T6
5.0
3.60
3.85
1000
90
5.0
1.0
−3.5
0
450
MM3Z3V9ST1, G
T7
5.0
3.89
4.16
1000
90
3.0
1.0
−3.5
−2.5
450
MM3Z4V3ST1
T8
5.0
4.17
4.43
1000
90
3.0
1.0
−3.5
0
450
MM3Z4V7ST1, G
T9
5.0
4.55
4.75
800
80
3.0
2.0
−3.5
0.2
260
MM3Z5V1ST1
TA
5.0
4.98
5.2
500
60
2.0
2.0
−2.7
1.2
225
MM3Z5V6ST1
TC
5.0
5.49
5.73
200
40
1.0
2.0
−2.0
2.5
200
MM3Z6V2ST1
TE
5.0
6.06
6.33
100
10
3.0
4.0
0.4
3.7
185
MM3Z6V8ST1
TF
5.0
6.65
6.93
160
15
2.0
4.0
1.2
4.5
155
MM3Z7V5ST1
TG
5.0
7.28
7.6
160
15
1.0
5.0
2.5
5.3
140
MM3Z8V2ST1
TH
5.0
8.02
8.36
160
15
0.7
5.0
3.2
6.2
1358
MM3Z9V1ST1
TK
5.0
8.85
9.23
160
15
0.5
6.0
3.8
7.0
130
MM3Z10VST1
WB
5.0
9.80
10.20
160
15
0.5
6.0
4.5
8.0
130
MM3Z11VST1
WC
5.0
10.78
11.22
160
15
0.5
7.0
5.4
9.0
130
MM3Z12VST1
TN
5.0
11.74
12.24
80
25
0.1
8.0
6.0
10
130
MM3Z15VST1*
WF
5.0
14.7
15.3
80
30
0.05
10.5
9.2
13
110
MM3Z16VST1
TU
5.0
15.85
16.51
80
40
0.05
11.2
10.4
14
105
MM3Z18VST1
TW
5.0
17.56
18.35
80
45
0.05
12.6
12.4
16
100
*Product preview − parts available upon request.


Similar Part No. - MM3Z6V2ST1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM3Z6V2ST1 ONSEMI-MM3Z6V2ST1 Datasheet
136Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount Tight Tolerance Portfolio
October, 2009 ??Rev. 16
MM3Z6V2ST1G ONSEMI-MM3Z6V2ST1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
June, 2013 ??Rev. 20
MM3Z6V2ST1G ONSEMI-MM3Z6V2ST1G Datasheet
107Kb / 5P
   300 mW SOD??23 Surface Mount Tight Tolerance Portfolio
January, 2014 ??Rev. 22
MM3Z6V2ST1G ONSEMI-MM3Z6V2ST1G Datasheet
68Kb / 5P
   Zener Voltage Regulators
December, 2015 ??Rev. 24
More results

Similar Description - MM3Z6V2ST1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com