Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPA2458 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RMPA2458
Description  2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA2458 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RMPA2458 Datasheet HTML 1Page - Fairchild Semiconductor RMPA2458 Datasheet HTML 2Page - Fairchild Semiconductor RMPA2458 Datasheet HTML 3Page - Fairchild Semiconductor RMPA2458 Datasheet HTML 4Page - Fairchild Semiconductor RMPA2458 Datasheet HTML 5Page - Fairchild Semiconductor RMPA2458 Datasheet HTML 6Page - Fairchild Semiconductor RMPA2458 Datasheet HTML 7Page - Fairchild Semiconductor RMPA2458 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
March 2005
RMPA2458 Rev. C
RMPA2458
2.4–2.5 GHz InGaP HBT Low Current Linear Power Amplifier
Features
■ 31.5dB small signal gain
■ 27dBm output power @ 1dB compression
■ 103mA total current at 19dBm modulated power out
■ 2.5% EVM at 19 dBm modulated power out
■ 3.3V collector supply operation
■ 2.9V mirror supply operation
■ Power saving shutdown options (bias control)
■ Integrated power detector with 20dB dynamic range
■ Lead-free RoHS compliant 3 x 3 x 0.9mm leadless package
■ Internally matched to 50 Ohms and DC blocked RF input/
output
■ Optimized for use in 802.11b/g applications
General Description
The
RMPA2458
power
amplifier
is
designed
for
high
performance WLAN applications in the 2.4–2.5 GHz frequency
band. The low profile 16 pin 3 x 3 x 0.9 mm package with internal
matching on both input and output to 50 Ohms minimizes next
level PCB space and allows for simplified integration. The on-
chip detector provides power sensing capability while the bias
control provides power saving shutdown capability. The PA’s
industry leading low power consumption and excellent linearity
are achieved using our InGaP Heterojunction Bipolar Transistor
(HBT) technology.
Device
Electrical Characteristics1 802.11g OFDM Modulation
(176 µs burst time, 100 µs idle time) 54 Mbps Data Rate, 16.7 MHz Bandwidth
Notes:
1. VC1, VC2, VC3 = 3.3V, VM123 = 2.9V, TA = 25°C, PA is constantly biased, 50Ω system.
2. Percentage includes system noise floor of EVM = 0.8%.
3. POUT measured at PIN corresponding to power detection threshold.
Parameter
Min
Typ
Max
Units
Frequency
2.4
2.5
GHz
Collector Supply Voltage
3.0
3.3
3.6
V
Mirror Supply Voltage
2.9
V
Mirror Supply Current
3.3
mA
Gain
31.5
dB
Total Current @ 19dBm POUT
103
mA
EVM @ 19dBm POUT
2
2.5
%
Detector Output @ 19dBm POUT
340
mV
Detector Threshold3
5
dBm
Preliminary


Similar Part No. - RMPA2458

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2458 FAIRCHILD-RMPA2458 Datasheet
955Kb / 9P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2458_059 FAIRCHILD-RMPA2458_059 Datasheet
955Kb / 9P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
More results

Similar Description - RMPA2458

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2456 FAIRCHILD-RMPA2456 Datasheet
935Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2458_059 FAIRCHILD-RMPA2458_059 Datasheet
955Kb / 9P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
   InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B Datasheet
178Kb / 6P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com