Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0L7BS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD5V0L7BS
Description  Low capacitance 7-fold bidirectional ESD protection diode arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0L7BS Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5V0L7BS Datasheet HTML 1Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 2Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 3Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 4Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 5Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 6Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 7Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 8Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
9397 750 13705
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 25 November 2004
5 of 14
Philips Semiconductors
PESD5V0L7BAS; PESD5V0L7BS
Low capacitance 7-fold bidirectional ESD protection diode arrays
6.
Characteristics
[1]
Non-repetitive current pulse 8/20
µs exponentially decaying waveform according to IEC61000-4-5; see Figure 1.
Table 9:
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse stand-off voltage
-
-
5
V
IRM
reverse leakage current
VRWM = 5 V; see Figure 6
-
3
25
nA
V(CL)R
clamping voltage
Ipp = 1 A
[1] -
-
11
V
Ipp = 2.5 A
[1] -
-
17
V
V(BR)
breakdown voltage
IR = 1 mA
7.2
7.6
7.9
V
rdif
differential resistance
IR = 1 mA
-
-
100
Cd
diode capacitance
VR = 0 V; f = 1 MHz;
see Figure 5
-
8
10
pF


Similar Part No. - PESD5V0L7BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L7BS NXP-PESD5V0L7BS Datasheet
109Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0L7BS NEXPERIA-PESD5V0L7BS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
More results

Similar Description - PESD5V0L7BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L7BAS NXP-PESD5V0L7BAS Datasheet
109Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
logo
NXP Semiconductors
PESD5V0L6US PHILIPS-PESD5V0L6US Datasheet
97Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 02-9 November 2004
logo
Pan Jit International I...
PJESD5V6LC-5W PANJIT-PJESD5V6LC-5W Datasheet
206Kb / 4P
   LOW CAPACITANCE 5-FOLD ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESD5V0L6UAS NXP-PESD5V0L6UAS Datasheet
109Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03-18 August 2009
logo
Nexperia B.V. All right...
PESD5V0L6UAS NEXPERIA-PESD5V0L6UAS Datasheet
108Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03 - 18 August 2009
logo
NXP Semiconductors
PESD3V3L5UY PHILIPS-PESD3V3L5UY Datasheet
87Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT363 package
2004 Mar 23
PESD5V0L5UV PHILIPS-PESD5V0L5UV Datasheet
85Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT666 package
2004 Mar 23
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESD5V0U4BF PHILIPS-PESD5V0U4BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional quadruple ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com