Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z3V6ST1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MM3Z3V6ST1
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z3V6ST1 Datasheet(HTML) 1 Page - ON Semiconductor

  MM3Z3V6ST1 Datasheet HTML 1Page - ON Semiconductor MM3Z3V6ST1 Datasheet HTML 2Page - ON Semiconductor MM3Z3V6ST1 Datasheet HTML 3Page - ON Semiconductor MM3Z3V6ST1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
November, 2004 − Rev. 10
1
Publication Order Number:
MM3Z2V4ST1/D
MM3Z2V4ST1 SERIES
Zener Voltage Regulators
200 mW SOD−323 Surface Mount
Tight Tolerance Portfolio
This series of Zener diodes is packaged in a SOD−323 surface
mount package that has a power dissipation of 200 mW. They are
designed to provide voltage regulation protection and are especially
attractive in situations where space is at a premium. They are well
suited for applications such as cellular phones, hand−held portables,
and high density PC boards.
Specification Features:
Standard Zener Breakdown Voltage Range −
2.4 V to 18 V
Steady State Power Rating of 200 mW
Small Body Outline Dimensions:
0.067
″ x 0.049″ (1.7 mm x 1.25 mm)
Low Body Height: 0.035″ (0.9 mm)
Package Weight: 4.507 mg/unit
ESD Rating of Class 3 (>16 kV) per Human Body Model
Tight Tolerance V
Z
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded plastic
FINISH:
All external surfaces are corrosion resistant
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
LEADS:
Plated with Pb−Sn or Sn only (Pb−Free)
POLARITY:
Cathode indicated by polarity band
FLAMMABILITY RATING:
UL 94 V−0
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1) @ TA = 25°C
Derate above 25
°C
PD
200
1.5
mW
mW/
°C
Thermal Resistance from
Junction−to−Ambient
RqJA
635
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−4 Minimum Pad.
Device
Package
Shipping
ORDERING INFORMATION
SOD−323
CASE 477
STYLE 1
1
Cathode
2
Anode
MM3ZxxxST1
SOD−323
3000/Tape & Reel
MARKING
DIAGRAM
See specific marking information in the device marking
column of the Electrical Characteristics table on page 2 of
this data sheet.
DEVICE MARKING INFORMATION
xx = Specific Device Code
M = Date Code
xx M
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MM3ZxxxST3
SOD−323
10,000/Tape & Reel
MM3ZxxxST1G
SOD−323
(Pb−Free)
3000/Tape & Reel
MM3ZxxxST3G
SOD−323
(Pb−Free)
10,000/Tape & Reel
1
2


Similar Part No. - MM3Z3V6ST1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM3Z3V6ST1G ONSEMI-MM3Z3V6ST1G Datasheet
68Kb / 5P
   Zener Voltage Regulators
December, 2015 ??Rev. 24
More results

Similar Description - MM3Z3V6ST1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com