Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW128F60ZA1F Datasheet(PDF) 10 Page - STMicroelectronics

Part # M29DW128F60ZA1F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60ZA1F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M29DW128F60ZA1F Datasheet HTML 6Page - STMicroelectronics M29DW128F60ZA1F Datasheet HTML 7Page - STMicroelectronics M29DW128F60ZA1F Datasheet HTML 8Page - STMicroelectronics M29DW128F60ZA1F Datasheet HTML 9Page - STMicroelectronics M29DW128F60ZA1F Datasheet HTML 10Page - STMicroelectronics M29DW128F60ZA1F Datasheet HTML 11Page - STMicroelectronics M29DW128F60ZA1F Datasheet HTML 12Page - STMicroelectronics M29DW128F60ZA1F Datasheet HTML 13Page - STMicroelectronics M29DW128F60ZA1F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
1 Summary description
M29DW128F
10/93
Table 2.
Bank Architecture
Figure 2.
TSOP Connections
Bank
Bank Size
Parameter Blocks
Main Blocks
No. of
Blocks
Block Size
No. of
Blocks
Block Size
A
16 Mbit
8
8 KBytes/ 4 KWords
31
64 KBytes/ 32 KWords
B
48 Mbit
96
64 KBytes/ 32 KWords
C
48 Mbit
96
64 KBytes/ 32 KWords
D
16 Mbit
8
8 KBytes/ 4 KWords
31
64 KBytes/ 32 KWords
DQ3
DQ9
DQ2
A6
DQ0
W
A3
RB
DQ6
A19
A8
DQ13
A17
A12
DQ14
A2
DQ12
DQ10
DQ15A–1
VCC
DQ4
DQ5
A7
DQ7
VPP/WP
A21
AI09209b
M29DW128F
14
1
15
28
29
42
43
56
DQ8
NC
A20
A1
A18
A4
A5
DQ1
DQ11
G
A14
A15
A16
A13
BYTE
NC
A22
VSS
E
A0
RP
VSS
A9
A10
A11
NC
NC
NC
NC
VCCQ


Similar Part No. - M29DW128F60ZA1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW128F60ZA1F STMICROELECTRONICS-M29DW128F60ZA1F Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
Numonyx B.V
M29DW128F60ZA1F NUMONYX-M29DW128F60ZA1F Datasheet
1Mb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
More results

Similar Description - M29DW128F60ZA1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
Numonyx B.V
M29DW128F NUMONYX-M29DW128F Datasheet
1Mb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com