Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M368L3223CTL-LA2 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # M368L3223CTL-LA2
Description  256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L3223CTL-LA2 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button M368L3223CTL-LA2 Datasheet HTML 3Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 4Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 5Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 6Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 7Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 8Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 9Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 10Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
184pin Unbuffered DDR SDRAM MODULE
Rev. 0.3 May. 2002
M368L3223CTL
Input/Output CAPACITANCE (VDD=2.5V, VDDQ=2.5V, TA= 25
°C, f=1MHz)
Parameter
Symbol
Min
Max
Unit
Input capacitance(A0 ~ A 12, BA0 ~ BA1,RAS,CAS, WE )
C IN1
49
57
pF
Input capacitance(CKE0)
C IN2
42
50
pF
Input capacitance( CS0)
C IN3
42
50
pF
Input capacitance( CLK0, CLK 1,CLK2 )
C IN4
22
25
pF
Data & DQS input/output capacitance(DQ0~DQ 63)
COUT
6
8
pF
Input capacitance(DM0~DM8)
C IN5
6
8
pF
Output Load Circuit (SSTL_2)
Output
Z0=50
CLOAD =30pF
VREF
=0.5*V DDQ
RT =50
Vtt=0.5*VDDQ


Similar Part No. - M368L3223CTL-LA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M368L3223DTM-CCC SAMSUNG-M368L3223DTM-CCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223DTM-CCC/C4 SAMSUNG-M368L3223DTM-CCC/C4 Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223DTM-LCC SAMSUNG-M368L3223DTM-LCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
More results

Similar Description - M368L3223CTL-LA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AJFA ELPIDA-EBD25EC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
HB54A2568FM-A75B ELPIDA-HB54A2568FM-A75B Datasheet
190Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com