Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M368L3223CTL Datasheet(PDF) 4 Page - Samsung semiconductor

Part # M368L3223CTL
Description  256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L3223CTL Datasheet(HTML) 4 Page - Samsung semiconductor

  M368L3223CTL Datasheet HTML 1Page - Samsung semiconductor M368L3223CTL Datasheet HTML 2Page - Samsung semiconductor M368L3223CTL Datasheet HTML 3Page - Samsung semiconductor M368L3223CTL Datasheet HTML 4Page - Samsung semiconductor M368L3223CTL Datasheet HTML 5Page - Samsung semiconductor M368L3223CTL Datasheet HTML 6Page - Samsung semiconductor M368L3223CTL Datasheet HTML 7Page - Samsung semiconductor M368L3223CTL Datasheet HTML 8Page - Samsung semiconductor M368L3223CTL Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
184pin Unbuffered DDR SDRAM MODULE
Rev. 0.3 May. 2002
M368L3223CTL
Functional Block Diagram
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM
I/O 7
I/O 6
I/O 1
I/O 0
D0
DM0
I/O 5
I/O 4
I/O 3
I/O 2
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DM
I/O 7
I/O 6
I/O 1
I/O 0
D1
I/O 5
I/O 4
I/O 3
DM1
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DM
I/O 7
I/O 6
I/O 1
I/O 0
D2
I/O 5
I/O 4
I/O 3
I/O 2
DM2
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DM
I/O 7
I/O 6
I/O 1
I/O 0
D3
I/O 5
I/O 4
I/O 3
I/O 2
DM3
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DM
I/O 7
I/O 6
I/O 1
I/O 0
D4
DM4
I/O 5
I/O 4
I/O 3
I/O 2
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DM
I/O 7
I/O 6
I/O 1
I/O 0
D5
I/O 5
I/O 4
I/O 3
I/O 2
DM5
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DM
I/O 7
I/O 6
I/O 1
I/O 0
D6
I/O 5
I/O 4
I/O 3
I/O 2
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DM
I/O 7
I/O 6
I/O 1
I/O 0
D7
I/O 5
I/O 4
I/O 3
I/O 2
DM7
A0 - A13
A0-A13: SDRAMs D0 - D7
RAS
RAS : SDRAMs D0 - D7
CAS
CAS : SDRAMs D0 - D7
CKE0
CKE: SDRAMs D0 - D7
WE
WE: SDRAMs D0 - D7
CS0
CS
CS
CS
CS
CS
CS
CS
CS
BA0 - BA1
BA0-BA1: SDRAMs D0 - D7
DQS0
DQS
DQS4
DQS1
DQS5
DQS
DQS2
DQS
DQS3
DQS
DM6
DQS6
DQS7
DQ15
I/O 2
DQS
DQS
DQS
DQS
Notes:
1. DQ-to-I/O wiring is shown as recom-
mended but may be changed.
2. DQ/DQS/DM/CKE/ CS relationships
must be maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 Ohms.
*Clock Net Wiring
Card
Edge
Dram1
Cap
Dram3
Cap
Dram5
Cap
R=120
*(Cap)
Cap will replace DRAM3
*If two DRAMs are loaded,
* Clock Wiring
Clock
Input
SDRAMs
CK0/CK0
CK1/CK1
CK2/CK2
2 SDRAMs
3 SDRAMs
3 SDRAMs
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
VSS
D0 - D7
D0 - D7
VDD/VDDQ
D0 - D7
D0 - D7
VREF
VDDSPD
SPD


Similar Part No. - M368L3223CTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M368L3223DTM-CCC SAMSUNG-M368L3223DTM-CCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223DTM-CCC/C4 SAMSUNG-M368L3223DTM-CCC/C4 Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223DTM-LCC SAMSUNG-M368L3223DTM-LCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
More results

Similar Description - M368L3223CTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AJFA ELPIDA-EBD25EC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
HB54A2568FM-A75B ELPIDA-HB54A2568FM-A75B Datasheet
190Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com