Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC240PW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC240PW
Description  OCTAL BUFFERS.DRIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC240PW Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AHC240PW Datasheet HTML 7Page - Texas Instruments SN74AHC240PW Datasheet HTML 8Page - Texas Instruments SN74AHC240PW Datasheet HTML 9Page - Texas Instruments SN74AHC240PW Datasheet HTML 10Page - Texas Instruments SN74AHC240PW Datasheet HTML 11Page - Texas Instruments SN74AHC240PW Datasheet HTML 12Page - Texas Instruments SN74AHC240PW Datasheet HTML 13Page - Texas Instruments SN74AHC240PW Datasheet HTML 14Page - Texas Instruments SN74AHC240PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74AHC240PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC240PW TI-SN74AHC240PW Datasheet
573Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC240PW TI-SN74AHC240PW Datasheet
716Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC240PW TI-SN74AHC240PW Datasheet
746Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC240PWE4 TI-SN74AHC240PWE4 Datasheet
573Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC240PWE4 TI-SN74AHC240PWE4 Datasheet
716Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC240PW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT563 FAIRCHILD-74ACT563 Datasheet
45Kb / 5P
   Octal Latch with 3-STATE Outputs
logo
Nexperia B.V. All right...
HEF40244B NEXPERIA-HEF40244B Datasheet
199Kb / 14P
   Octal buffers with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC573 FAIRCHILD-74AC573_07 Datasheet
275Kb / 13P
   Octal Latch with 3-STATE Outputs
logo
Texas Instruments
SN54LS465 TI-SN54LS465 Datasheet
180Kb / 9P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
HEF40244B_CNV PHILIPS-HEF40244B_CNV_15 Datasheet
77Kb / 6P
   Octal buffers with 3-state outputs
January 1995
HEF40244B PHILIPS-HEF40244B Datasheet
72Kb / 6P
   Octal buffers with 3-state outputs
January 1995
logo
Texas Instruments
SN54LS465 TI-SN54LS465_07 Datasheet
598Kb / 17P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Fairchild Semiconductor
74AC573 FAIRCHILD-74AC573 Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com