Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA2619YT Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VCA2619YT
Description  Dual, Variable Gain Amplifier with Input Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA2619YT Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button VCA2619YT Datasheet HTML 3Page - Burr-Brown (TI) VCA2619YT Datasheet HTML 4Page - Burr-Brown (TI) VCA2619YT Datasheet HTML 5Page - Burr-Brown (TI) VCA2619YT Datasheet HTML 6Page - Burr-Brown (TI) VCA2619YT Datasheet HTML 7Page - Burr-Brown (TI) VCA2619YT Datasheet HTML 8Page - Burr-Brown (TI) VCA2619YT Datasheet HTML 9Page - Burr-Brown (TI) VCA2619YT Datasheet HTML 10Page - Burr-Brown (TI) VCA2619YT Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
VCA2619
SBOS276A − AUGUST 2003 − REVISED AUGUST 2003
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C and VDD = 5V, load resistance = 500Ω on each output to ground, differential output (2VPP) MGS = 111, and fIN = 5MHz, unless
otherwise noted.
NOISE FIGURE vs VCA
CNTL
VCA
CNTL (V)
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
0.2
1.0 1.2
0.4 0.6 0.8
1.8 2.0
1.4 1.6
2.2 2.4 2.6 2.8 3.0
HARMONIC DISTORTION vs FREQUENCY
(Differential, 2V
PP, MGS = 100)
Frequency (Hz)
100k
1M
10M
−30
−35
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
VCA
CN T L
=0.9V, H 2
VCA
CN T L =0.9V, H 3
VCA
CN T L =2.9V, H 2
VCA
CN T L =2.9V, H 3
HARMONIC DISTORTION vs FREQUENCY
(Single−Ended, 1V
PP, MGS = 010)
Frequency (Hz)
100k
1M
10M
−30
−35
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
VC A
CN TL =0.9V, H2
VC A
CN TL =0.9V, H3
VC A
CN TL =2.9V, H2
VC A
CN TL =2.9V, H3
HARMONIC DISTORTION vs FREQUENCY
(Differential, 2V
PP, MGS = 010)
Frequency (Hz)
100k
1M
10M
−30
−35
−40
−45
−50
−55
−60
−65
−70
VC A
CN TL =0.9V, H2
VC A
CN TL =0.9V, H3
VC A
CN TL =2.9V, H2
VC A
CN TL =2.9V, H3
HARMONIC DISTORTION vs FREQUENCY
(Differential, 2V
PP,MGS = 111)
Frequency (Hz)
100k
1M
10M
−30
−35
−40
−45
−50
−55
−60
−65
−70
−75
−80
VCA
CNTL =0.9V, H2
VCA
CNTL
=0.9V, H3
VCA
CNTL =2.9V, H2
VCA
CNTL
=2.9V, H3
HARMONIC DISTORTION vs FREQUENCY
(Single−Ended, 1V
PP, MGS = 100)
Frequency (Hz)
100k
1M
10M
−30
−35
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
VC A
CN TL =0.9V, H 2
VC A
CN TL =0.9V, H 3
VC A
CN TL
=2.9V, H 2
VC A
CN TL =2.9V, H 3


Similar Part No. - VCA2619YT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2619YT TI1-VCA2619YT Datasheet
732Kb / 19P
[Old version datasheet]   Dual, Variable Gain Amplifier with Input Buffer
More results

Similar Description - VCA2619YT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2618 BURR-BROWN-VCA2618 Datasheet
326Kb / 14P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2614 BURR-BROWN-VCA2614 Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
logo
Texas Instruments
VCA2619 TI1-VCA2619 Datasheet
732Kb / 19P
[Old version datasheet]   Dual, Variable Gain Amplifier with Input Buffer
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com