Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDR3D1B1200Z Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EDR3D1B1200Z
Description  Miniature,cost-effective switching solution
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EDR3D1B1200Z Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EDR3D1B1200Z Datasheet HTML 1Page - List of Unclassifed Manufacturers EDR3D1B1200Z Datasheet HTML 2Page - List of Unclassifed Manufacturers EDR3D1B1200Z Datasheet HTML 3Page - List of Unclassifed Manufacturers EDR3D1B1200Z Datasheet HTML 4Page - List of Unclassifed Manufacturers EDR3D1B1200Z Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PART NUMBERING SYSTEM
EDR 1 0 1A 05 00 Z
|
| |
|
|
| |
|
| |
|
|
| +--- Z:RoHS Compliance
|
| |
|
|
+--- SPECIAL CODE:00~99
|
| |
|
|
00:PIN OUT 1357
|
| |
|
|
50:PIN OUT 1267
|
| |
|
+--- NOMINAL VOLTAGE:
|
| |
|
05:5VDC
|
| |
|
12:12VDC
|
| |
|
24:24VDC
|
| |
+--- CONTACT FORM:
|
| |
1A:OPEN TYPE, 1 FORM A
|
| +--- FUNCTION:
|
|
0:NORMAL FUNCTION
|
|
D:WITH DIODE TYPE
|
+--- TYPE:
|
1:SIP TYPE
+--- MODEL NAME
EDR 2 0 1A 05 00 Z
|
| |
|
|
| |
|
| |
|
|
| +--- Z:RoHS Compliance
|
| |
|
|
+--- SPECIAL CODE:00~99
|
| |
|
+--- NOMINAL VOLTAGE:
|
| |
|
05:5VDC
|
| |
|
12:12VDC
|
| |
|
24:24VDC
|
| |
+--- CONTACT FORM:
|
| |
1A:OPEN TYPE, 1 FORM A
|
| |
2A:OPEN TYPE, 2 FORM A
|
| |
1B:CLOSE TYPE, 1 FORM B
|
| |
1C:1 OPEN 1 CLOSE TYPE, 1 FORM C
|
| +--- FUNCTION:
|
|
0:NORMAL FUNCTION
|
|
D:WITH DIODE TYPE
|
|
H:HIGH INSUALTION
|
+--- TYPE:
|
2:DIP TYPE
|
3:SMD TYPE
+--- MODEL NAME


Similar Part No. - EDR3D1B1200Z

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EDR3909-K-V-8P-LP FERYSTER-EDR3909-K-V-8P-LP Datasheet
208Kb / 1P
   IMPORT I DYSTRYBUCJA IMPORT I DYSTRYBUCJA
More results

Similar Description - EDR3D1B1200Z

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
Advantech Co., Ltd.
ARK-1310 ADVANTECH-ARK-1310 Datasheet
389Kb / 2P
   Cost-effective, Entry-level Automation System Solution
ARK-1360 ADVANTECH-ARK-1360 Datasheet
408Kb / 2P
   Cost Effective Intel짰 Atom??Solution with miniPCIe Expansion Slot
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
List of Unclassifed Man...
TRR2A12F ETC1-TRR2A12F Datasheet
159Kb / 2P
   Miniature, cost-efective switching solution,,state of the art capsule designs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com