Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F6408U0C-T Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9F6408U0C-T
Description  8M x 8 Bit NAND Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F6408U0C-T Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9F6408U0C-T Datasheet HTML 5Page - Samsung semiconductor K9F6408U0C-T Datasheet HTML 6Page - Samsung semiconductor K9F6408U0C-T Datasheet HTML 7Page - Samsung semiconductor K9F6408U0C-T Datasheet HTML 8Page - Samsung semiconductor K9F6408U0C-T Datasheet HTML 9Page - Samsung semiconductor K9F6408U0C-T Datasheet HTML 10Page - Samsung semiconductor K9F6408U0C-T Datasheet HTML 11Page - Samsung semiconductor K9F6408U0C-T Datasheet HTML 12Page - Samsung semiconductor K9F6408U0C-T Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
FLASH MEMORY
9
K9F6408U0C
PRODUCT INTRODUCTION
The K9F6408U0C is a 66Mbit(69,206,016 bit) memory organized as 16,384 rows(pages) by 528 columns. Spare sixteen columns are
located from column address of 512 to 527. A 528-byte data register is connected to memory cell arrays accommodating data trans-
fer between the I/O buffers and memory during page read and page program operations. The memory array is made up of 16 cells
that are serially connected to form a NAND structure. Each of the 16 cells resides in a different page. A block consists of two NAND
structured strings. A NAND structure consists of 16 cells. Total 135168 NAND cells reside in a block. The array organization is shown
in Figure 2. The program and read operations are executed on a page basis, while the erase operation is executed on a block basis.
The memory array consists of 1024 separately erasable 8K-byte blocks. It indicates that the bit by bit erase operation is prohibited on
the K9F6408U0C.
The K9F6408U0C has addresses multiplexed into 8 I/O
′s. This scheme dramatically reduces pin counts and allows systems
upgrades to future densities by maintaining consistency in system board design. Command, address and data are all written through
I/O
′s by bringing WE to low while CE is low. Data is latched on the rising edge of WE. Command Latch Enable(CLE) and Address
Latch Enable(ALE) are used to multiplex command and address respectively, via the I/O pins. All commands require one bus cycle
except for Block Erase command which requires two cycles: one cycle for erase-setup and another for erase-execution after block
address loading. The 8M byte physical space requires 23 addresses, thereby requiring three cycles for byte-level addressing: column
address, low row address and high row address, in that order. Page Read and Page Program need the same three address cycles
following the required command input. In Block Erase operation, however, only the two row address cycles are used.
Device operations are selected by writing specific commands into the command register. Table 1 defines the specific commands of
the K9F6408U0C.
Table 1. COMMAND SETS
NOTE : 1. The 00h command defines starting address of the 1st half of registers.
The 01h command defines starting address of the 2nd half of registers.
After data access on the 2nd half of register by the 01h command, the status pointer is
automatically moved to the 1st half register(00h) on the next cycle.
2. The 50h command is valid only when the GND input(pin #40) is low level.
Function
1st. Cycle
2nd. Cycle
Acceptable Command during Busy
Read 1
00h/01h(1)
-
Read 2
50h(2)
-
Read ID
90h
-
Reset
FFh
-
O
Page Program
80h
10h
Block Erase
60h
D0h
Read Status
70h
-
O
Caution : Any undefined command inputs are prohibited except for above command set of Table 1.


Similar Part No. - K9F6408U0C-T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F6408U0C-T SAMSUNG-K9F6408U0C-T Datasheet
499Kb / 29P
   8M x 8 Bit Bit NAND Flash Memory
More results

Similar Description - K9F6408U0C-T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29U64000T SAMSUNG-KM29U64000T Datasheet
481Kb / 26P
   8M x 8 Bit NAND Flash Memory
K9F6408U0M-TCB0 SAMSUNG-K9F6408U0M-TCB0 Datasheet
480Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29V64001T SAMSUNG-KM29V64001T Datasheet
1Mb / 24P
   8M X 8 BIT NAND FLASH MEMORY
KM29V64001TS SAMSUNG-KM29V64001TS Datasheet
1Mb / 22P
   8M X 8 BIT NAND FLASH MEMORY
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F6408Q0C SAMSUNG-K9F6408Q0C Datasheet
499Kb / 29P
   8M x 8 Bit Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
KM29V64000TS SAMSUNG-KM29V64000TS Datasheet
1Mb / 22P
   8M X 8 BIT NAND FLSH MEMORY
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com