Part Name
         Description
K4S64323LH

 512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA ( 12 Page)


SAMSUNG
100% 
Zoom Out Zoom In
 
 4 page
background image
K4S64323LH - F(H)E/N/G/C/L/F
February 2004
Mobile-SDRAM
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25 to 85
°C for Extended, -25 to 70°C for Commercial)
NOTES :
1. Samsung can support VDDQ 2.5V(in general case) and 1.8V(in specific case) for VDD 2.5V products.
Please contact to the memory marketing team in Samsung Electronics when considering the use of VDDQ 1.8V(Min 1.65V).
2. VIH (max) = 3.0V AC.The overshoot voltage duration is
≤ 3ns.
3. VIL (min) = -1.0V AC. The undershoot voltage duration is
≤ 3ns.
4. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with tri-state outputs.
5. Dout is disabled, 0V
≤ VOUT ≤ VDDQ.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
2.3
2.5
2.7
V
VDDQ
2.3
2.5
2.7
V
1.65
-
2.7
V
1
Input logic high voltage
VIH
0.8 x VDDQ
-
VDDQ + 0.3
V
2
Input logic low voltage
VIL
-0.3
0
0.3
V
3
Output logic high voltage
VOH
VDDQ -0.2
-
-
V
IOH = -0.1mA
Output logic low voltage
VOL
-
-
0.2
V
IOL = 0.1mA
Input leakage current
ILI
-10
-
10
uA
4
CAPACITANCE (VDD = 2.5V, TA = 23°C, f = 1MHz, VREF =0.9V ± 50 mV)
Pin
Symbol
Min
Max
Unit
Note
Clock
CCLK
-
4.0
pF
RAS, CAS, WE, CS, CKE
CIN
-
4.0
pF
DQM
CIN
-
4.0
pF
Address
CADD
-
4.0
pF
DQ0 ~ DQ31
COUT
-
6.0
pF
ABSOLUTE MAXIMUM RATINGS
NOTES:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 3.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1.0
W
Short circuit current
IOS
50
mA



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
K4M56323LE2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 1 2 3 4 5 MoreSamsung semiconductor
K4S28323LF-F1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 1 2 3 4 5 MoreSamsung semiconductor
K4M513233E4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 1 2 3 4 5 MoreSamsung semiconductor
K4S283233F1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 1 2 3 4 5 MoreSamsung semiconductor
K4M563233G2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 1 2 3 4 5 MoreSamsung semiconductor
K4S563233F2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 1 2 3 4 5 MoreSamsung semiconductor
K4M28323LH1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 1 2 3 4 5 MoreSamsung semiconductor
K4M56323PG-F2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 1 2 3 4 5 MoreSamsung semiconductor
K4M51323LE-M4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 1 2 3 4 5 MoreSamsung semiconductor
K4M28323PH-F1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl