Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5166ELG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SE5166ELG
Description  150mA CMOS LDO Regulator(Preliminary)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SE5166ELG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SE5166ELG Datasheet HTML 1Page - List of Unclassifed Manufacturers SE5166ELG Datasheet HTML 2Page - List of Unclassifed Manufacturers SE5166ELG Datasheet HTML 3Page - List of Unclassifed Manufacturers SE5166ELG Datasheet HTML 4Page - List of Unclassifed Manufacturers SE5166ELG Datasheet HTML 5Page - List of Unclassifed Manufacturers SE5166ELG Datasheet HTML 6Page - List of Unclassifed Manufacturers SE5166ELG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2004. • www.seawardinc.com • Page 7
SEAWARD
ELECTRONICS
150mA CMOS LDO
Regulator
(Preliminary)
SE5166
OUTLINE DRAWING SOT-323-3L
Customer Support
Seaward Electronics Incorporated – China
Rm 1605, Building 1, International Pioneering Park, #1 Shangdi Xinxi Rd
Haidian District, Beijing 100085, China
Tel: 86-10-8289-5700/01/05
Fax: 86-10-8289-5706
Seaward Electronics Corporation – Taiwan
2F, #181, Sec. 3, Minquan East Rd,
Taipei, Taiwan R.O.C
Tel: 886-2-2712-0307
Fax: 886-2-2712-0191
Seaward Electronics Incorporated – North America
49 Showers Dr. J126
Mountain View, CA 94040, USA
Tel: 1-408-821-6600
Last Updated - 3/9/2005


Similar Part No. - SE5166ELG

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167AHG-LF SEAWARD-SE5167AHG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167AHN-LF SEAWARD-SE5167AHN-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5166ELG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com