Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1207 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS1207
Description  LOW-POWER, SYNCHRONOUS VOLTAGE-TO-FREQUENCY CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1207 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS1207 Datasheet HTML 1Page - Burr-Brown (TI) ADS1207 Datasheet HTML 2Page - Burr-Brown (TI) ADS1207 Datasheet HTML 3Page - Burr-Brown (TI) ADS1207 Datasheet HTML 4Page - Burr-Brown (TI) ADS1207 Datasheet HTML 5Page - Burr-Brown (TI) ADS1207 Datasheet HTML 6Page - Burr-Brown (TI) ADS1207 Datasheet HTML 7Page - Burr-Brown (TI) ADS1207 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADS1206
ADS1207
SBAS311 − MARCH 2004
www.ti.com
5
PIN ASSIGNMENTS
VSSOP PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
BUF
FOUT
V
DD
VIN
CLKOUT
CLKIN
GND
REFIN/OUT
Terminal Functions
TERMINAL
NAME
NO.
DESCRIPTION
CLKOUT
1
Clock output
CLKIN
2
Master clock input
GND
3
Ground
REFIN/OUT
4
Reference voltage input or output
VIN
5
Analog input
VDD
6
Power supply, +3.3V or +5V nominal
FOUT
7
Modulator output
BUF
8
Buffered mode select
PARAMETER MEASUREMENT INFORMATION
CLKIN
t
C1
t
W2
t
W1
t
D1
t
R1
t
F1
FOUT
Figure 1. Timing Diagram
TIMING REQUIREMENTS: 5.0V
over recommended operating free-air temperature range at −40
°C to +85°C,, and VDD = 5V, unless otherwise noted.
PARAMETER
MIN
MAX
UNITS
tC1
Input clock period
ADS1206
1000
TBD
ns
tC1
Input clock period
ADS1207
250
TBD
ns
tW1
Input clock high time
(tC1/2) − 100
(tC1/2) + 100
ns
tD1
FOUT rising edge delay after input clock rising edge
TBD
TBD
ns
tW2
FOUT high time
tC1 − 20
tC1 + 20
ns
tR1
FOUT rise time
TBD
TBD
ns
tF1
FOUT fall time
TBD
TBD
ns
NOTE: Applicable for 5.0V nominal supply: VDD (min) = 4.5V and VDD (max) = 5.5V. All input signals are specified with tR = tF = 5ns (10% to 90%
of VDD) and timed from a voltage level of (VIL + VIH)/2. See timing diagram.
TIMING REQUIREMENTS: 3.3V
over recommended operating free-air temperature range at −40
°C to +85°C,, and VDD = 3.3V, unless otherwise noted.
PARAMETER
MIN
MAX
UNITS
tC1
Input clock period
ADS1206
1000
TBD
ns
tC1
Input clock period
ADS1207
250
TBD
ns
tW1
Input clock high time
(tC1/2) − 100
(tC1/2) + 100
ns
tD1
FOUT rising edge delay after input clock rising edge
TBD
TBD
ns
tW2
FOUT high time
tC1 − 8
tC1 + 8
ns
tR1
FOUT rise time
TBD
TBD
ns
tF1
FOUT fall time
TBD
TBD
ns
NOTE: Applicable for 3.3V nominal supply: VDD (min) = 3.0V and VDD (max) = 3.6V. All input signals are specified with tR = tF = 5ns (10% to 90%
of VDD) and timed from a voltage level of (VIL + VIH)/2. See timing diagram.


Similar Part No. - ADS1207

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1201 BURR-BROWN-ADS1201 Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
logo
Texas Instruments
ADS1201 TI1-ADS1201 Datasheet
332Kb / 17P
[Old version datasheet]   High Dynamic Range DELTA-SIGMA MODULATOR
logo
Burr-Brown (TI)
ADS1201U BURR-BROWN-ADS1201U Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
logo
Texas Instruments
ADS1201U TI1-ADS1201U Datasheet
332Kb / 17P
[Old version datasheet]   High Dynamic Range DELTA-SIGMA MODULATOR
logo
Burr-Brown (TI)
ADS1201U/1K BURR-BROWN-ADS1201U/1K Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
More results

Similar Description - ADS1207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7740 AD-AD7740_17 Datasheet
327Kb / 13P
   Low Power, Synchronous Voltage-to-Frequency Converter
AD652JPZ-REEL AD-AD652JPZ-REEL Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ AD-AD652KPZ Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_17 Datasheet
631Kb / 29P
   Monolithic Synchronous Voltage-to-Frequency Converter
AD652JPZ AD-AD652JPZ Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ-REEL AD-AD652KPZ-REEL Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD651 AD-AD651 Datasheet
1Mb / 16P
   Monolithic Synchronous Voltage-to-Frequency Converter
AD652 AD-AD652_15 Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ-REEL AD-AD652KPZ-REEL Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652 Datasheet
950Kb / 16P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com