Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WCFS0808V1E-JC15 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WCFS0808V1E-JC15
Description  32K x 8 3.3V Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WCFS0808V1E-JC15 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WCFS0808V1E-JC15 Datasheet HTML 1Page - List of Unclassifed Manufacturers WCFS0808V1E-JC15 Datasheet HTML 2Page - List of Unclassifed Manufacturers WCFS0808V1E-JC15 Datasheet HTML 3Page - List of Unclassifed Manufacturers WCFS0808V1E-JC15 Datasheet HTML 4Page - List of Unclassifed Manufacturers WCFS0808V1E-JC15 Datasheet HTML 5Page - List of Unclassifed Manufacturers WCFS0808V1E-JC15 Datasheet HTML 6Page - List of Unclassifed Manufacturers WCFS0808V1E-JC15 Datasheet HTML 7Page - List of Unclassifed Manufacturers WCFS0808V1E-JC15 Datasheet HTML 8Page - List of Unclassifed Manufacturers WCFS0808V1E-JC15 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
WCFS0808V1E
Document #: 38-05225 Rev. **
Page 4 of 10
Switching Characteristics Over the Operating Range[5]
WCFS0808V1E 12ns
Parameter
Description
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
12
ns
tAA
Address to Data Valid
12
ns
tOHA
Data Hold from Address Change
3
ns
tACE
CE LOW to Data Valid
12
ns
tDOE
OE LOW to Data Valid
5
ns
tLZOE
OE LOW to Low Z[6]
0
ns
tHZOE
OE HIGH to High Z[6, 7]
5
ns
tLZCE
CE LOW to Low Z[6]
3
ns
tHZCE
CE HIGH to High Z[6, 7]
6
ns
tPU
CE LOW to Power-Up
0
ns
tPD
CE HIGH to Power-Down
12
ns
WRITE CYCLE[8, 9]
tWC
Write Cycle Time
12
ns
tSCE
CE LOW to Write End
8
ns
tAW
Address Set-Up to Write End
8
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
8
ns
tSD
Data Set-Up to Write End
7
ns
tHD
Data Hold from Write End
0
ns
tHZWE
WE LOW to High Z[8]
7
ns
tLZWE
WE HIGH to Low Z[6]
3
ns
Notes:
5.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the
specified IOL/IOH and capacitance CL = 30 pF.
6.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7.
tHZOE, tHZCE, tHZWE are specified with CL = 5 pF as in AC Test Loads. Transition is measured ±500 mV from steady state voltage.
8.
The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signals must be LOW to initiate a write and either signal can
terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.
9.
The minimum write cycle time for write cycle #3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.


Similar Part No. - WCFS0808V1E-JC15

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
WCFS0808C1E-JC12 WEIDA-WCFS0808C1E-JC12 Datasheet
193Kb / 10P
   32K x 8 Static RAM
WCFS0808C1E-JC15 WEIDA-WCFS0808C1E-JC15 Datasheet
193Kb / 10P
   32K x 8 Static RAM
More results

Similar Description - WCFS0808V1E-JC15

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399 CYPRESS-CY7C1399 Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com