Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5166EHG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SE5166EHG
Description  150mA CMOS LDO Regulator(Preliminary)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SE5166EHG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SE5166EHG Datasheet HTML 1Page - List of Unclassifed Manufacturers SE5166EHG Datasheet HTML 2Page - List of Unclassifed Manufacturers SE5166EHG Datasheet HTML 3Page - List of Unclassifed Manufacturers SE5166EHG Datasheet HTML 4Page - List of Unclassifed Manufacturers SE5166EHG Datasheet HTML 5Page - List of Unclassifed Manufacturers SE5166EHG Datasheet HTML 6Page - List of Unclassifed Manufacturers SE5166EHG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2004. • www.seawardinc.com • Page 2
SEAWARD
ELECTRONICS
150mA CMOS LDO
Regulator
(Preliminary)
SE5166
Ordering/Marking Information (Continued)
Package
Ordering Information
Marking Information
3.3V
SE5166ALN
166AN_
2.8V
SE5166BLN
166BN_
2.5V
SE5166CLN
166CN_
1.8V
SE5166DLN
166DN_
1.5V
SE5166ELN
166EN_
3.0V
SE5166FLN
166FN_
3.3V
SE5166ALG
166AG_
2.8V
SE5166BLG
166BG_
2.5V
SE5166CLG
166CG_
1.8V
SE5166DLG
166DG_
1.5V
SE5166ELG
166EG_
3.0V
SE5166FLG
166FG_
3.3V
SE5166APN
166AN_
2.8V
SE5166BPN
166BN_
2.5V
SE5166CPN
166CN_
1.8V
SE5166DPN
166DN_
1.5V
SE5166EPN
166EN_
3.0V
SE5166FPN
166FN_
3.3V
SE5166APG
166AG_
2.8V
SE5166BPG
166BG_
2.5V
SE5166CPG
166CG_
1.8V
SE5166DPG
166DG_
1.5V
SE5166EPG
166EG_
3.0V
SE5166FPG
166FG_
Starting with 1, a bar on top of 1 is
for production year 2001, and
underlined 1 is for year 2002. The
next character is marked on top for
2003, and underlined for 2004. The
naming pattern continues with
consecutive characters for later
years.
The last character is the week
code. (
A-Z: 1-26, a-z: 27-52)


Similar Part No. - SE5166EHG

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167AHG-LF SEAWARD-SE5167AHG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167AHN-LF SEAWARD-SE5167AHN-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5166EHG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com