Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT377N Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74ACT377N
Description  Octal D Flip-Flop with Clock Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT377N Datasheet(HTML) 4 Page - ON Semiconductor

  MC74ACT377N Datasheet HTML 1Page - ON Semiconductor MC74ACT377N Datasheet HTML 2Page - ON Semiconductor MC74ACT377N Datasheet HTML 3Page - ON Semiconductor MC74ACT377N Datasheet HTML 4Page - ON Semiconductor MC74ACT377N Datasheet HTML 5Page - ON Semiconductor MC74ACT377N Datasheet HTML 6Page - ON Semiconductor MC74ACT377N Datasheet HTML 7Page - ON Semiconductor MC74ACT377N Datasheet HTML 8Page - ON Semiconductor MC74ACT377N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC74AC377, MC74ACT377
http://onsemi.com
4
74AC – DC CHARACTERISTICS
TA = +25°C
TA =
TA = +25 C
TA =
–40
°C to +85°C
Symbol
Parameter
VCC (V)
Typ
Guaranteed Limits
Unit
Conditions
VIH
Minimum High Level Input Voltage
3.0
4.5
5.5
1.50
2.25
2.75
2.10
3.15
3.85
2.10
3.15
3.85
V
V
V
VOUT = 0.1 V
or
VCC – 0.1 V
VIL
Maximum Low Level Input Voltage
3.0
4.5
5.5
1.50
2.25
2.75
0.90
1.35
1.65
0.90
1.35
1.65
V
V
V
VOUT = 0.1 V
or
VCC – 0.1 V
VOH
Minimum High Level Output Voltage
3.0
4.5
5.5
2.99
4.49
5.49
2.9
4.4
5.4
2.9
4.4
5.4
V
V
V
IOUT = –50 µA
3.0
4.5
5.5
2.56
3.86
4.86
2.46
3.76
4.76
V
V
V
*VIN = VIL or VIH
–12 mA
IOH
–24 mA
–24 mA
VOL
Maximum Low Level Output Voltage
3.0
4.5
5.5
0.002
0.001
0.001
0.1
0.1
0.1
0.1
0.1
0.1
V
V
V
IOUT = 50 µA
3.0
4.5
5.5
0.36
0.36
0.36
0.44
0.44
0.44
V
V
V
*VIN = VIL or VIH
–12 mA
IOH
–24 mA
–24 mA
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
IOLD
IOHD
Maximum Input Leakage Current
5.5
5.5
75
–75
mA
mA
VOLD = 1.65 V Max
VOHD = 3.85 V Min
ICC
Maximum Quiescent Supply Current
5.5
8.0
80
µA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE:
IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
74AC – AC CHARACTERISTICS For Figures and Waveforms, See Figures 4, 5, and 6.
TA = +25°C
TA = –40°C to +85°C
TA = +25 C
CL = 50 pF
TA = 40 C to +85 C
CL = 50 pF
Symbol
Parameter
VCC* (V)
Min
Typ
Max
Min
Max
Unit
fmax
Maximum Clock Frequency
3.3
5.0
90
140
75
125
MHz
tPLH
Propagation Delay
CP to Qn
3.3
5.0
3.0
2.0
13.0
9.0
1.5
1.5
14.0
10.0
ns
tPHL
Propagation Delay
CP to Qn
3.3
5.0
3.5
2.5
13.0
10.0
2.0
1.5
14.5
11.0
ns
* Voltage Range 3.3 V is 3.3 V
±0.3 V; Voltage Range 5.0 V is 5.0 V ±0.5 V.
74AC – AC OPERATING REQUIREMENTS
TA = +25°C
TA = –40°C to +85°C
TA = +25 C
CL = 50 pF
TA = 40 C to +85 C
Symbol
Parameter
VCC* (V)
Typ
Guaranteed Minimum
Unit
ts
Setup Time, HIGH or LOW
Dn to CP
3.3
5.0
5.5
4.0
6.0
4.5
ns
th
Hold Time, HIGH or LOW
Dn to CP
3.3
5.0
0
1.0
0
1.0
ns
ts
Setup Time, HIGH or LOW
CE to CP
3.3
5.0
6.0
4.0
7.5
4.5
ns
th
Hold Time, HIGH or LOW
CE to CP
3.3
5.0
0
1.0
0
1.0
ns
tw
CP Pulse Width
HIGH or LOW
3.3
5.0
5.5
4.0
6.0
4.5
ns
* Voltage Range 3.3 V is 3.3 V
±0.3 V; Voltage Range 5.0 V is 5.0 V ±0.5 V.


Similar Part No. - MC74ACT377N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT377N MOTOROLA-MC74ACT377N Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74ACT377N ONSEMI-MC74ACT377N Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
MC74ACT377NG ONSEMI-MC74ACT377NG Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
More results

Similar Description - MC74ACT377N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
   Octal D Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
54F377 TI1-54F377 Datasheet
392Kb / 10P
[Old version datasheet]   54F377 Octal D Flip-Flop with Clock Enable
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com