Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SK3048DS-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. 2SK3048DS-3
Description  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  http://www.kexin.com.cn/index.asp
Logo 

   
 2 page
background image
Transistors
www.kexin.com.cn
2
MOSFET
SMD Type
N-Channel MOSFET
2SK3048DS
Electrical Characteristics (Ta = 25℃ unless othewise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
BVDSS
60
V
Zero Gate Voltage Drain Current
IDSS
1
μA
Gate to Source Leakage Current
IGSS
±100
nA
Gate to Source Threshold Voltage (Note 3)
VGS(th)
0.5
2
V
105
125
Forward Transconductance (Note 3)
gFS
1.4
S
Input Capacitance
Ciss
247
Output Capacitance
Coss
34
Reverse Transfer Capacitance
Crss
19.5
Turn-On DelayTime
td(on)
6
Turn-On Rise Time
tr
15
Turn-Off DelayTime
td(off)
15
Turn-Off Fall Time
tf
10
Total Gate Charge
Qg
6
Gate Source Charge
Qgs
1
Gate Drain Charge
Qgd
1.3
Diode Forward Voltage (Note 3)
VSD
1.2
V
Note 3. Pulse Test : Pulse Width≤300μs, Duty Cycle≤0.5%.
VGS = 0 V, IS = 3 A
VDS=30V,VGS=0V f=1MHz
VGS=10V,VDD=30V,
ID=1.5A,RGEN=1Ω
VDS = 15 V, ID = 2 A
VDS = 0 V, VGS = ±20 V
VDS = VGS , ID = 250μA
VGS = 10 V, ID = 3 A
Test Conditions
ID = 250 μA, VGS = 0V
VDS = 60 V, VGS = 0 V
RDS(On)
Static Drain-Source On-Resistance (Note 3)
VGS = 4.5 V, ID = 3 A
VDS=30V,VGS=4.5V ID= 3A
pF
nC
ns
Marking
Marking
3055




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl