Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3012DSE-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3012DSE-3
Description  N-Channel Enhancement MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3012DSE-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3012DSE-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Features
VDS=20V
RDS(on) 22m @VGS=4.5V ,ID=6.5A
RDS(on) 30m @VGS=2.5V ,ID=5.5A
N-Channel Enhancement MOSFET
1. Gate
2. Source
3. Drain
0.4+0.1
-0.1
2.9+0.2
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.2
12
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02
2SK3012DSE
ID = 6 .5A
Absolute Maximum Ratings Ta = 25
Symbol
Rating
Unit
VDS
20
VGS
±10
TA=25
6.5
TA=70
4.8
IDM
30
TA=25
1.3
TA=70
0.8
TJ
150
Tstg
-55to150
V
A
Pulsed Drain Current
Parameter
Continuous Drain Current
ID
Drain-Source Voltage
Gate-Source Voltage
Junction Temperature
Storage Temperature Range
PD
W
Power Dissipation
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250
A, VGS=0V
20
V
VDS=20V, VGS=0V
1
VDS=20V, VGS=0V, TJ=55
10
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=
±10V
±10
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS ,ID=250
A
0.45
1
V
VGS=4.5V, ID=6.5A
22
VGS=2.5V, ID=5.5A
30
Forward Transconductance *1
gFS
VDS=5V, ID=6.5A
6
S
Maximum Body-Diode Continuous Current
IS
1.6
A
Diode Forward Voltage
VSD
IS=1.6A,VGS=0V
0.76
1.2
V
Zero Gate Voltage Drain Current
IDSS
A
m
RDS(On)
Static Drain-Source On-Resistance
*1: Pulse test: PW
300us duty cycle
2%
Marking
Marking
2310
G
D
S
G
D
S


Similar Part No. - 2SK3012DSE-3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK3012 SHINDENGEN-2SK3012 Datasheet
429Kb / 12P
   VX-2 Series Power MOSFET(600V 12A)
logo
Inchange Semiconductor ...
2SK3012 ISC-2SK3012 Datasheet
374Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3012DSE-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com