Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SK3002DS-3 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. 2SK3002DS-3
Description  N-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  http://www.kexin.com.cn/index.asp
Logo 

   
 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
Typical Characterisitics
0.2
0.4
0.6
0.8
1.0
1.2
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
–50
0
50
100
150
0
0.0
0.0
0.
0.1
0.
02
4
6
8
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
G
.
s
v
e
c
n
a
t
s
i
s
e
R
-
n
O
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
r
e
w
o
P
e
s
l
u
P
e
l
g
n
i
S
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–4
10–3
10–2
10–1
1
30
VSD
V
)
V
(
e
g
a
tl
o
V
n
i
a
r
D
-
o
t
-
e
c
r
u
o
S
GS – Gate-to-Source Voltage (V)
TJ – Temperature ( C)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
ID = 3.6 A
ID = 250 A
10
1
10
TJ = 25 C
TJ = 150 C
0.01
0.10
1.00
10.00
Time (sec)
TC = 25 C
Single Pulse
14
12
8
4
0
2
6
10
N-Channel Enhancement MOSFET




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl