Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SJ3501 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. 2SJ3501
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  http://www.kexin.com.cn/index.asp
Logo 

   
 3 page
background image
Transistors
www.kexin.com.cn
3
MOSFET
SMD Type
P-Channel MOSFET
2SJ3501
FIG.3 On-Resistance versus Drain Current
FIG.4 On-Resistance versus Drain Current
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
0.5
0.6
ID, Drain Current (A)
VGS=4.5V Tj=25℃
VGS=4.5V Tj=150℃
VGS=4.5V Tj=-55℃
VGS=4.5V
0
1
2
3
4
5
6
7
8
0
0.1
0.2
0.3
0.4
0.5
0.6
ID, Drain Current (A)
VGS=10V Tj=25℃
VGS=10V Tj=150℃
VGS=10V Tj= -55℃
VGS=10V
Typical Characterisitics
FIG.1 Transfer Characteristics
FIG.2 On-Region Characteristics
0.0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS, Gate - Source Voltage (V)
VDS=10V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0 1 2 3 4 5 6 7 8 9 10
VDS, Drain - Source Voltage (V)
VGS=2.25V
VGS=2.5V
VGS=2.75V
VGS=3V
VGS=3.25V
VGS=3.5V
TJ=25℃
25℃
150℃
-55℃




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl