Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM9831 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM9831
Description  VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9831 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM9831 Datasheet HTML 1Page - OKI electronic componets MSM9831 Datasheet HTML 2Page - OKI electronic componets MSM9831 Datasheet HTML 3Page - OKI electronic componets MSM9831 Datasheet HTML 4Page - OKI electronic componets MSM9831 Datasheet HTML 5Page - OKI electronic componets MSM9831 Datasheet HTML 6Page - OKI electronic componets MSM9831 Datasheet HTML 7Page - OKI electronic componets MSM9831 Datasheet HTML 8Page - OKI electronic componets MSM9831 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/22
MSM9831-xxx
¡ Semiconductor
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
"H" Input Voltage
(VDD=2.0 to 5.0 V, GND=0 V, fOSC=4.096 MHz, Ta=–40 to +85°C, unless otherwise specified)
Symbol
Condition
Min.
Typ.
Max.
Unit
VIH
fOSC=14.5 MHz or less
VDD
¥ 0.8
——
V
"H" Input Current
IIH
VIH=VDD
——10
mA
"L" Input Current
IIL
VIL=GND
–10
mA
Dynamic Supply
Current
IDD
AOUT output
current is
excluded
1.2
3.0
mA
Standby Supply
Current
IDS
Ta=–40°C to +70°C
10
mA
Ta=–40°C to +85°C
50
mA
AOUT Output
Current
IAOUT
VDD=2.0 V to 5.5 V
0.4
8.9
mA
(VDD=2.7 V to 5.5 V)
fOSC=4.5 MHz or less
(VDD=2.0 V to 5.5 V)
VDD
¥ 0.85
——
V
fOSC>14.5 MHz
(VDD=3.0 V to 5.5 V)
"L" Input Voltage
VIL
——
VDD
¥ 0.2
V
fOSC=4.5 MHz or less
(VDD=2.0 V to 5.5 V)
——
VDD
¥ 0.15
V
fOSC>14.5 MHz
(VDD=3.0 V to 5.5 V)
fOSC=14.5 MHz or less (VDD=2.7 V to 5.5 V)
VDD=5.5 V
fOSC=4.096 MHz
0.4
1.0
mA
VDD=3.0 V
fOSC=4.096 MHz
0.2
0.7
mA
VDD=2.0 V
fOSC=4.096 MHz
12.0
mA
VDD=5.5 V
fOSC=16 MHz
4.0
mA
VDD=3.0 V
fOSC=16 MHz
2.8
mA
VDD=2.0 V
fOSC=16 MHz
VDD=5.5 V
3.8
6.0
8.9
mA
VDD=2.0 V
0.4
1.0
1.9
mA
At maximum
output current


Similar Part No. - MSM9831

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
   Voice Synthesis IC with Built-in Mask ROM
MSM9836 OKI-MSM9836 Datasheet
2Mb / 15P
   Voice ROM Evaluation Board for MSM9802/9803/9805/9836
MSM9836-XXX OKI-MSM9836-XXX Datasheet
167Kb / 24P
   Voice Synthesis IC with Built-in Mask ROM
More results

Similar Description - MSM9831

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
   Voice Synthesis IC with Built-in Mask ROM
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
MSM9844 OKI-MSM9844 Datasheet
216Kb / 32P
   VOICE SYNTHESIS LSI with on-chip FIFO Memory
MSM9845 OKI-MSM9845 Datasheet
78Kb / 9P
   VOICE SYNTHESIS LSI with on-chip FIFO Memory
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
   Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
ML2201 OKI-ML2201 Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
logo
OKI electronic componet...
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com