Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S75PL127JBFBAWU0 Datasheet(PDF) 5 Page - SPANSION

Part # S75PL127JBFBAWU0
Description  Power supply woltage of 2.7 to 3.1 volt
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75PL127JBFBAWU0 Datasheet(HTML) 5 Page - SPANSION

  S75PL127JBFBAWU0 Datasheet HTML 1Page - SPANSION S75PL127JBFBAWU0 Datasheet HTML 2Page - SPANSION S75PL127JBFBAWU0 Datasheet HTML 3Page - SPANSION S75PL127JBFBAWU0 Datasheet HTML 4Page - SPANSION S75PL127JBFBAWU0 Datasheet HTML 5Page - SPANSION S75PL127JBFBAWU0 Datasheet HTML 6Page - SPANSION S75PL127JBFBAWU0 Datasheet HTML 7Page - SPANSION S75PL127JBFBAWU0 Datasheet HTML 8Page - SPANSION S75PL127JBFBAWU0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 183 page
background image
January 6, 2005 S75PL127J_00_A1_E
S75PL127J MCPs
5
Pre limiary
Product Selector Guide
Device-Model#
PL127J
Access
Times (ns)
pSRAM
density
pSRAM
Access
Time (ns) Supplier
Data
Storage
Density
Package
S75PL127JBD-KU
65
32 Mb
70
Type 6
128 Mb
(110ns)
9x12 mm 84-ball FBGA
S75PL127JBD-KB
Type 2
S75PL127JCD-KU
64 Mb
Type 6
S75PL127JCD-KB
Type 2
S75PL127JBE-KU
65
32 Mb
70
Type 6
256 Mb
(110ns)
9x12 mm 84-ball FBGA
S75PL127JBE-KB
Type 2
S75PL127JCE-KU
64 Mb
Type 6
S75PL127JCE-KB
Type 2
S75PL127JBF-KU
65
32 Mb
70
Type 6
512 Mb
(110ns)
9x12 mm 84-ball FBGA
S75PL127JBF-KB
Type 2
S75PL127JCF-KU
64 Mb
Type 6
S75PL127JCF-KB
Type 2


Similar Part No. - S75PL127JBFBAWU0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL127NBF SPANSION-S75PL127NBF Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ0 SPANSION-S75PL127NBFJAWGZ0 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ2 SPANSION-S75PL127NBFJAWGZ2 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ3 SPANSION-S75PL127NBFJAWGZ3 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJFWGZ0 SPANSION-S75PL127NBFJFWGZ0 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S75PL127JBFBAWU0

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000403-000001 MA-COM-MAFR-000403-000001 Datasheet
94Kb / 2P
   MAFR-000403-000001 2.7 GHz-3.1 GHz
logo
WOLFSPEED, INC.
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
   2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
logo
Power Integrations, Inc...
DI-76 POWERINT-DI-76 Datasheet
285Kb / 2P
   3.1 W Low Parts Count Power Supply
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com