Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30GP60B Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APT30GP60B
Description  POWER MOS 7 IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30GP60B Datasheet(HTML) 6 Page - Advanced Power Technology

  APT30GP60B Datasheet HTML 1Page - Advanced Power Technology APT30GP60B Datasheet HTML 2Page - Advanced Power Technology APT30GP60B Datasheet HTML 3Page - Advanced Power Technology APT30GP60B Datasheet HTML 4Page - Advanced Power Technology APT30GP60B Datasheet HTML 5Page - Advanced Power Technology APT30GP60B Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APT30GP60B
Figure 22, Turn-on Switching Waveforms and Definitions
10 %
5 %
10%
t
d(on)
t
r
90%
5 %
Gate Voltage
Collector Voltage
Collector Current
Switching Energy
T
J = 125 C
Figure 23, Turn-off Switching Waveforms and Definitions
T
J = 125 C
Collector Current
Collector Voltage
Gate Voltage
90%
90%
t
f
t
d(off)
0
10%
Switching Energy
T0-247 Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Collector
Emitter
Gate
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
*DRIVER SAME TYPE AS D.U.T.
IC
VCLAMP
100uH
VTEST
A
A
B
D.U.T.
DRIVER*
VCE
Figure 24, E
ON1
Test Circuit
IC
A
D.U.T.
APT15DF60
VCE
Figure 21, Inductive Switching Test Circuit
VCC


Similar Part No. - APT30GP60B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30GP60B ADPOW-APT30GP60B Datasheet
216Kb / 6P
   POWER MOS 7 IGBT
logo
Microsemi Corporation
APT30GP60B2DL MICROSEMI-APT30GP60B2DL Datasheet
219Kb / 9P
   Resonant Mode Combi IGBT
APT30GP60B2DLG MICROSEMI-APT30GP60B2DLG Datasheet
219Kb / 9P
   Resonant Mode Combi IGBT
logo
Advanced Power Technolo...
APT30GP60BDQ1 ADPOW-APT30GP60BDQ1 Datasheet
438Kb / 9P
   POWER MOS 7 IGBT
APT30GP60BDQ1G ADPOW-APT30GP60BDQ1G Datasheet
438Kb / 9P
   POWER MOS 7 IGBT
More results

Similar Description - APT30GP60B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
   POWER MOS 7 IGBT
APT65GP60L2DF2 ADPOW-APT65GP60L2DF2 Datasheet
201Kb / 9P
   POWER MOS 7 IGBT
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
   POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT35GP120B2DQ2 ADPOW-APT35GP120B2DQ2 Datasheet
426Kb / 9P
   POWER MOS 7 IGBT
APT40GP60B ADPOW-APT40GP60B Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT45GP120J ADPOW-APT45GP120J Datasheet
99Kb / 6P
   POWER MOS 7 IGBT
APT45GP120JDQ2 ADPOW-APT45GP120JDQ2 Datasheet
455Kb / 9P
   POWER MOS 7 IGBT
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
   POWER MOS 7 IGBT
APT25GP120B ADPOW-APT25GP120B Datasheet
95Kb / 6P
   POWER MOS 7 IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com