Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2KK5012 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. 2KK5012
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  http://www.kexin.com.cn/index.asp
Logo 

   
 2 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250 A, VGS=0V
100
V
VDS=100V, VGS=0V
20
VDS=100V, VGS=0V, TJ=125
250
Gate-Body Leakage Current
IGSS
VDS=0V, VGS= 16V
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250 A
12.5
V
VGS=4.5V, ID=1.3A
190
235
VGS=10V, ID=1.6A
178
220
Forward Transconductance
gFS
VDS=50V, ID=1.6A
5.7
S
Input Capacitance
Ciss
290
Output Capacitance
Coss
27
Reverse Transfer Capacitance
Crss
13
Gate Resistance
Rg
1.3
Total Gate Charge
Qg
2.5
Gate Source Charge
Qgs
0.5
Gate Drain Charge
Qgd
1.2
Turn-On DelayTime
td(on)
2.2
Turn-On Rise Time
tr
2.1
Turn-Off DelayTime
td(off)
9
Turn-Off Fall Time
tf
3.6
Body Diode Reverse Recovery Time
trr
20
30
Body Diode Reverse Recovery Charge
Qrr
13
20
nC
Maximum Body-Diode Continuous Current
IS
1.1
Pulsed Source Current
ISM
(Note.2)
7
Diode Forward Voltage
VSD
IS=1.1A,VGS=0V,TJ = 25
(Note.1)
1.3
V
A
ns
Zero Gate Voltage Drain Current
IDSS
A
m
VGS=4.5V, VDS=50V, ID=1A,RGEN=6.8
RDS(On)
Static Drain-Source On-Resistance (Note.1)
VR=50V,IF= 1.1A, dI/dt= 100A/ s ,
TJ = 25
(Note.1)
VGS=0V, VDS=25V, f=1MHz
VGS=4.5V, VDS=50V, ID=1.6A
pF
nC
Note.1: Pulse width
400 s; duty cycle
2%.
Note.2:Repetitive rating; pulse width limited by max. junction temperature.
Marking
Marking




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl