Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM9810 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM9810
Description  8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9810 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM9810 Datasheet HTML 2Page - OKI electronic componets MSM9810 Datasheet HTML 3Page - OKI electronic componets MSM9810 Datasheet HTML 4Page - OKI electronic componets MSM9810 Datasheet HTML 5Page - OKI electronic componets MSM9810 Datasheet HTML 6Page - OKI electronic componets MSM9810 Datasheet HTML 7Page - OKI electronic componets MSM9810 Datasheet HTML 8Page - OKI electronic componets MSM9810 Datasheet HTML 9Page - OKI electronic componets MSM9810 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6/31
¡ Semiconductor
MSM9810
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
VDD
VIN
TSTG
Power Supply Voltage
Input Voltage
Storage Temperature
Ta=25°C
–0.3 to +7.0
–0.3 to VDD+0.3
–55 to +150
V
V
°C
(GND=0 V)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Range
Unit
(GND=0 V)
Power Supply Voltage
VDD
3.5 to 5.5
V
Operating Temperature
Top
–40 to +85
°C
Master Clock Frequency
fOSC
Typ.
MHz
4.096
Min.
Max.
3.5
4.5
Parameter
Symbol
Condition
Min.
Unit
(DVDD=AVDD=4.5 to 5.5 V, DGND=AGND=0 V, Ta=–40 to +85°C)
Typ.
Max.
High-level Input Voltage
VIH
0.84¥VDD
V
——
Low-level Input Voltage
VIL
——
V
0.16¥VDD
High-level Output Voltage
VOH
IOH = –1mA
VDD–0.4
V
——
Low-level Output Voltage
VOL
IOL = 2mA
V
0.4
High-level Input Current 1
IIH1
VIH = VDD
mA
—10
Low-level Input Current 1
IIL1
VIL = GND
–10
mA
——
Operating Current
IDD
——
mA
615
Standby Current
IDS
Ta = –40°C to +70°C
mA
—15
Output Leakage Current
ILO
0 £ VOUT £ VDD
–10
mA
+10
Ta = –40°C to +85°C
mA
—50
High-level Input Current 2
IIH2
Applied to pins with internal
pull-down resistor
30
mA
300
Low-level Input Current 2
IIL2
Applied to pins with internal
pull-up resistor
–300
mA
–30


Similar Part No. - MSM9810

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810BGS-BK OKI-MSM9810BGS-BK Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
More results

Similar Description - MSM9810

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
MSM6295 OKI-MSM6295 Datasheet
567Kb / 16P
   4-CHANNEL MIXING ADPCM VOICE SYNTEHSIS LSI
logo
Tontek Design Technolog...
TT5665 TONTEK-TT5665 Datasheet
472Kb / 18P
   8-CHANNEL ADPCM VOICE SYNTEHSIS LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com