Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR50N03-12P-T4-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUR50N03-12P-T4-E3
Description  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUR50N03-12P-T4-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SUR50N03-12P-T4-E3 Datasheet HTML 1Page - Vishay Siliconix SUR50N03-12P-T4-E3 Datasheet HTML 2Page - Vishay Siliconix SUR50N03-12P-T4-E3 Datasheet HTML 3Page - Vishay Siliconix SUR50N03-12P-T4-E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
D PWM Optimized
D 100% Rg Tested
APPLICATIONS
D DC/DC Converters
− High-Side, Desktop CPU Core
D Synchronous Rectifiers
SUR50N03-12P
Vishay Siliconix
New Product
Document Number: 72774
S-32695—Rev. A, 19-Jan-04
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)a
30
0.012 @ VGS = 10 V
17.5
30
0.0175 @ VGS = 4.5 V
14.5
D
G
S
N-Channel MOSFET
TO-252
Reverse Lead DPAK
Top View
Drain Connected to Tab
Ordering Information:
SUR50N03-12P—E3
SUR50N03-12P-T4—E3 (altrenate tape orientation)
S
GD
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"20
V
TC = 25_C
47
Continuous Drain Currenta
TA = 25_C
ID
17.5
TA = 100_C
D
12.4
A
Pulsed Drain Current
IDM
40
A
Continuous Source Current (Diode Conduction)a
IS
5
Single Pulse Avalanche Current
L = 0 1 mH
IAS
30
Single Pulse Avalanche Energy
L = 0.1 mH
EAS
45
mJ
Maximum Power Dissipation
TC = 25_C
PD
46.8
W
Maximum Power Dissipation
TA = 25_C
PD
6.5a
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction to Ambienta
t v 10 sec
R
18
23
Maximum Junction-to-Ambienta
Steady State
RthJA
40
50
_C/W
Maximum Junction-to-Case
RthJC
2.6
3.2
C/W
Notes
a.
Surface Mounted on FR4 Board, t v 10 sec.


Similar Part No. - SUR50N03-12P-T4-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUR50N03-12P-T1-E3 VBSEMI-SUR50N03-12P-T1-E3 Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SUR50N03-12P-T4-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com