Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM290512 Datasheet(PDF) 8 Page - Eaton All Rights Reserved.

Part # EM290512
Description  High Current; 5.00 Centers; Modular
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM290512 Datasheet(HTML) 8 Page - Eaton All Rights Reserved.

Back Button EM290512 Datasheet HTML 3Page - Eaton All Rights Reserved. EM290512 Datasheet HTML 4Page - Eaton All Rights Reserved. EM290512 Datasheet HTML 5Page - Eaton All Rights Reserved. EM290512 Datasheet HTML 6Page - Eaton All Rights Reserved. EM290512 Datasheet HTML 7Page - Eaton All Rights Reserved. EM290512 Datasheet HTML 8Page - Eaton All Rights Reserved. EM290512 Datasheet HTML 9Page - Eaton All Rights Reserved. EM290512 Datasheet HTML 10Page - Eaton All Rights Reserved. EM290512 Datasheet HTML 11Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
For additional product information, visit
www.eaton.com/connectors
EuroMag Series PCB Mount Terminal Blocks
0.50
2.5
1.3
0.8
10.16
10.16
20.0
L
TestPoints
EM2929 Series
EuroMag Terminal Blocks
Hi-Current; 10.16 Centers
SPECIFICATIONS
Rating: 65A, 300V
Center Spacing: 0.40” (10.16mm)
Wire Range: #6-20 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Tin-Plated Copper
Cage Material: Steel, Chromate Plated
Screw Size: M4 Stainless Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating: 15 lb-in.
Recommended PCB Hole Diameters: 0.055" (1.40mm)
Construction: Mold to length
Agency Information:
File E62622; CE Certified
Poles
2
3
4
5
6
7
8
L (mm)
20.34
30.50
40.66
50.82
60.98
71.14
81.30
To convert to inches, divide by 25.4
Part Numbering System
Series
# of Poles
nnnnnnnnnnnn nnnn
02 to 08
EM 2 9 29
EM292908
Dimensions - mm
– UL
61


Similar Part No. - EM290512

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2919 EATON-EM2919 Datasheet
984Kb / 1P
   9.52 Centers; Modular
EM291902 EATON-EM291902 Datasheet
984Kb / 1P
   9.52 Centers; Modular
EM291903 EATON-EM291903 Datasheet
984Kb / 1P
   9.52 Centers; Modular
EM291904 EATON-EM291904 Datasheet
984Kb / 1P
   9.52 Centers; Modular
EM291905 EATON-EM291905 Datasheet
984Kb / 1P
   9.52 Centers; Modular
More results

Similar Description - EM290512

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM3665 EATON-EM3665 Datasheet
1Mb / 1P
   5.00 Centers; Modular
EM3660 EATON-EM3660 Datasheet
848Kb / 1P
   5.00 Centers; Modular
EM2785 EATON-EM2785 Datasheet
880Kb / 1P
   45째 Entry; Screwless; Modular; 5.00 Centers
EM2665 EATON-EM2665 Datasheet
1Mb / 1P
   EuroMag Terminal Blocks 5.00 Centers
EM2919 EATON-EM2919 Datasheet
984Kb / 1P
   9.52 Centers; Modular
EM9126 EATON-EM9126 Datasheet
968Kb / 1P
   6.35 Centers; Modular
EM5045 EATON-EM5045 Datasheet
664Kb / 1P
   Header (Mates with EM5035 Series); 5.00 Centers
EM2525 EATON-EM2525 Datasheet
656Kb / 1P
   Pluggable Block (Mates with EM2535 Series); 5.00 Centers
EM5015 EATON-EM5015 Datasheet
663Kb / 1P
   Pluggable Block (Mates with EM5025 Series); 5.00 Centers
EM5035 EATON-EM5035 Datasheet
906Kb / 1P
   Pluggable Block, Stackable (Mates with EM5045 Series) 5.00 Centers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com