Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HKQ0603S3N8S-T_19 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part No. HKQ0603S3N8S-T_19
Description  High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)[HKQ-S]
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

   
 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)[HKQ-S]
HKQ0603S3N8S-T
Features
Item Summary
3.8nH±0.3nH, 0.21A, 0201/0603 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 15000pcs
Products characteristics table
Inductance
3.8 nH ± 0.3nH
Case Size (EIA/JIS)
0201/0603
Rated Current (max)
0.21 A
DC Resistance (max)
0.48 Ω
Q (min)
13
Q (typ)
16
LQ Measuring Frequency
500 MHz
Self Resonant Frequency (min)
7500 MHz
Operating Temp. Range
-55 to +125 ℃
Temperature characteristic
± 10 %
(Inductance change)
RoHS Compliance (10 subst.)
Yes
REACH Compliance (191 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
0.6 ±0.03 mm
Dimension W
0.3 ±0.03 mm
Dimension T
0.3 ±0.03 mm
Dimension e
0.1 ±0.05 mm
2019.03.21
1 / 1




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl