Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR9808 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FR9808
Description  21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9808 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FR9808 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9808 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FR9808-1.3-OCT-2012
FR9808
85T
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=12V, TA=25°C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Supply Voltage
VIN
4.75
21
V
VIN Shutdown Supply Current
ISD
VEN=0V
1
μA
VIN Quiescent Supply Current
IDDQ
VEN=2V, VFB=1V
1.1
mA
Feedback Voltage
VFB
4.75V≦VIN≦21V
780
805
830
mV
High-Side MOSFET RDS(ON)
(Note2)
HSRDS(ON)
120
Low-Side MOSFET RDS(ON)
(Note2)
LSRDS(ON)
20
m
Ω
MOSFET Leakage Current
ISW(Leak)
VEN=0V, VSW=0V
0
10
μA
High-Side
MOSFET
Current
Limit
(Note2)
ILIMIT
6.5
A
Maximum Duty Cycle
DMAX
VFB=0.7V
90
%
Oscillation frequency
FSW
350
500
650
KHz
Short-Circuit Oscillation Frequency
FSW(Short)
VFB=0.3V
150
KHz
Sync Frequency Range
FSYNC
300
800
KHz
Input UVLO Threshold
VUVLO(Vth)
VIN Rising
4
V
Under
Voltage
Lockout
Threshold
Hysteresis
VUVLO(Hys)
200
mV
EN/SYNC Input Low Voltage
VEN(L)
0.4
V
EN/SYNC Input High Voltage
VEN(H)
2.0
V
EN Input Current
IEN
VEN=2V
2
μA
VCC Regulator
VCC
4.5
V
Soft-Start Time
TSS
600
μs
Thermal Shutdown Threshold (Note 2)
TSD
160
°C
Note 2:Guarantee by design.


Similar Part No. - FR9808

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
   21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
FR9801S6CTR FITIPOWER-FR9801S6CTR Datasheet
1Mb / 14P
   21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
   21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9806SPGTR FITIPOWER-FR9806SPGTR Datasheet
942Kb / 12P
   21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9809 FITIPOWER-FR9809 Datasheet
1Mb / 13P
   21V, 5A, 500KHz Synchronous PWM-Buck DC/DC Converter
More results

Similar Description - FR9808

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
   21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9809 FITIPOWER-FR9809 Datasheet
1Mb / 13P
   21V, 5A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
   500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
   4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
   21V, 4A, 500kHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT7264A RICHTEK-RT7264A Datasheet
394Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com