Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FR9801 Datasheet(PDF) 9 Page - Fitipower Integrated Technology Inc.

Part No. FR9801
Description  21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FITIPOWER [Fitipower Integrated Technology Inc.]
Homepage  http://www.fitipower.com/en_US/index.asp
Logo 

 9 page
background image
9
FR9801-0.5-JUL-2013
FR9801
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
VIN=12V, VOUT=3.3 , C1=10μF x 2, C2=22μF x 2, L1=4.7μH, TA=+25°C, unless otherwise noted.
IOUT=0A to 2A
200
μs/div.
200
μs/div.
Figure 23. Load Transient Waveform
Figure 24. Short Circuit Test
IL 1A/div.
VOUT
200mV/div.
IL
1A/div.
VOUT
1V/div.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl