Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EMD14N10H Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part No. EMD14N10H
Description  N‐Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXCELLIANCE [Excelliance MOS Corp.]
Homepage  http://www.excelliancemos.com/
Logo 

   
 5 page
background image
 
 
2016/1/22 
p.5 
EMD14N10H
V   ‐ Drain‐Source Voltage( V )
3000
0
0
1500
DS
25
Crss
Coss
4500
6000
Ciss
50
75
100
GS
f  =  1MHz
V    = 0 V
Capacitance Characteristics
Q   ‐ Gate Charge( nC )
0
0
2
4
g
15
30
I   = 20A
6
8
10
D
45
60
50V
V    = 25V
DS
Gate Charge Characteristics
0.5
0.3
0.2
0.05
0.03
0.02
Notes:
C
θ
JC
θ
JC
100
1000
J
10
1
1
DM
1.Duty Cycle,D =
2.R     = 2.5°C/W
θ
JC
3.T  ‐  T   = P * R     (t)
4.R    (t)=r(t) * R
θ
JC
1
0.2
0.05
0.1
0.1
Duty Cycle = 0.5
0.01
Single Pulse
‐2
10
0.02
0.01
10
Transient Thermal Response Curve
t  ,Time (mSEC)
‐1
t1
t2
Single Pulse Time( mSEC ) 
Single Pulse Maximum Power Dissipation
0.01
0
400
200
0.1
1
1000
600
800
1200
10
100
1000
R    = 2.5 C/W
Single Pulse
C
°
T  = 25 C
θJC
°
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Maximum Safe Operating Area
VDS, Drain‐Source Voltage( V )
10μs
100μs
1ms
10ms
DC
  TC=25°C
  RθJC=2.5°C/W
  Vgs=10V
  Single Pulse
RDS
(ON)
 
Lim
ited
3
10
10
2
1
10
10
0
‐1
10
2
10
10
1
0
10




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl