Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


EMD12N10E Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part No. EMD12N10E
Description  N‐Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXCELLIANCE [Excelliance MOS Corp.]
Homepage  http://www.excelliancemos.com/
Logo 

   
 4 page
background image
 
 
2015/10/12 
p.4 
EMD12N10E
On‐Resistance Variation with Temperature
T   ‐ Junction Temperature ( °C )
0.4
‐50
0.7
1.0
0
J
‐25
25
D
I   = 32A
V   = 10V
1.3
1.6
1.9
GS
125
50
75
100
150
T   = ‐55°C
V   ‐ Gate‐Source Voltage( V )
2
10
0
20
3
GS
V   = 10V
40
30
50
60
DS
A
5
4
6
25°C
125°C
Transfer Characteristics
Body Diode Forward Voltage Variation
with Source Current and Temperature
25°C
T   = 125°C
V   ‐ Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V    = 0V
1
10
100
A
GS
1.0
0.8
1.2
‐55°C
1.4
On‐Resistance Variation with Drain Current and Gate Voltage
1.6
0.8
0
1.2
1.0
1.4
20
40
2.2
1.8
2.0
2.4
60
80
8.0 V
10 V
100
I   ‐ Drain Current( A )
D
GS
V    = 7.0 V
V   ‐ Drain‐Source Voltage( V )
0
0
20
DS
12
8.0V
V   = 10V
40
60
7.0V
GS
3
45
On‐Region Characteristics
100
80
On‐Resistance Variation with Gate‐Source Voltage
T   = 125°C
V   ‐ Gate‐Source Voltage( V )
2
0.004
0.012
0.008
GS
4
6
T   = 25°C
A
A
0.028
0.020
0.016
0.024
0.032
810
I   = 20 A
D
0.036
 
TYPICAL CHARACTERISTICS
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl