Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1EN-S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # M1EN-S
Description  CMOS ASIC encoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M1EN-S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  M1EN-S Datasheet HTML 1Page - List of Unclassifed Manufacturers M1EN-S Datasheet HTML 2Page - List of Unclassifed Manufacturers M1EN-S Datasheet HTML 3Page - List of Unclassifed Manufacturers M1EN-S Datasheet HTML 4Page - List of Unclassifed Manufacturers M1EN-S Datasheet HTML 5Page - List of Unclassifed Manufacturers M1EN-S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
2005-06-15
2 STATES ENCODER
2 态编码 IC
EN/DECODER
M1EN
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
TIMING WAVEFORM
(1) BIT FORMAT
(2) TIMING DIAGRAM
"0"
"OPEN"
1
2
32 33
64 65
96
OSC
32 CLOCKS
64 CLOCKS
64 CLOCKS
32 CLOCKS
DO
1st WORD
4th WORD
12 BITS
SYNC
A0
A11
A0
A11
SYNC
TE
2
7
12
17
0
50
100
150
200
250
VDD ( Volt )
Freq (KHz)
75K
82K
91K
100K
120K
150K
180K
200K
220K
270K
360K
M1EN F-V curve


Similar Part No. - M1EN-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1E ETC-M1E Datasheet
106Kb / 5P
   WIRELESS DOOR CHIME
logo
MOSDESIGN SEMICONDUCTOR...
M1E MOSDESIGN-M1E Datasheet
158Kb / 3P
   2 STATES EN/DECODER
2008-10-08
logo
M-System Co.,Ltd.
M1E-BS MSYSTEM-M1E-BS Datasheet
170Kb / 2P
   INSTALLATION BASE
M1E-BS2 MSYSTEM-M1E-BS2 Datasheet
170Kb / 2P
   INSTALLATION BASE
M1E-BS2/C01 MSYSTEM-M1E-BS2/C01 Datasheet
170Kb / 2P
   INSTALLATION BASE
More results

Similar Description - M1EN-S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC55 FREESCALE-MC68HC55 Datasheet
290Kb / 40P
   Two-Channel CMOS ASIC Device
logo
Intersil Corporation
CDP1871A INTERSIL-CDP1871A Datasheet
56Kb / 10P
   CMOS Keyboard Encoder
August 1996
logo
Sanyo Semicon Device
LC822152 SANYO-LC822152 Datasheet
661Kb / 11P
   CMOS IC CCD-LCD Interface ASIC
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com