Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FR9886A Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part No. FR9886A
Description  21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FITIPOWER [Fitipower Integrated Technology Inc.]
Homepage  http://www.fitipower.com/en_US/index.asp
Logo 

 7 page
background image
7
FR9886A-0.3-SEP-2011
FR9886A
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
IOUT=0A
400ns/div.
IOUT=2A
400ns/div.
Figure 10. Steady State Waveform
Figure 11. Steady State Waveform
IOUT=0A
4ms/div.
IOUT=2A
4ms/div.
Figure 12. Startup Through
S
N Waveform
Figure 13. Startup Through
S
N Waveform
IOUT=0A
400ms/div.
IOUT=2A
100
μs/div.
Figure 14. Shutdown Through
S
N Waveform
Figure 15. Shutdown Through
S
N Waveform
VIN 20mV/div. (AC)
VOUT 5mV/div. (AC)
IL
1A/div.
VLX
5V/div.
VIN
100mV/div. (AC)
VOUT 5mV/div. (AC)
IL
1A/div.
VLX
5V/div.
VSHDN 5V/div.
VOUT
2V/div.
IL
2A/div.
VLX
5V/div.
VSHDN 5V/div.
VOUT
2V/div.
IL
2A/div.
VLX
5V/div.
VSHDN 5V/div.
VOUT
2V/div.
IL
2A/div.
VLX
5V/div.
VSHDN 5V/div.
VOUT
2V/div.
IL
2A/div.
VLX
5V/div.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl