Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F29C51004 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # F29C51004
Description  The F29C51004T/F29C51004B is a high speed 524,288 x 8 bit CMOS flash memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

F29C51004 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  F29C51004 Datasheet HTML 1Page - List of Unclassifed Manufacturers F29C51004 Datasheet HTML 2Page - List of Unclassifed Manufacturers F29C51004 Datasheet HTML 3Page - List of Unclassifed Manufacturers F29C51004 Datasheet HTML 4Page - List of Unclassifed Manufacturers F29C51004 Datasheet HTML 5Page - List of Unclassifed Manufacturers F29C51004 Datasheet HTML 6Page - List of Unclassifed Manufacturers F29C51004 Datasheet HTML 7Page - List of Unclassifed Manufacturers F29C51004 Datasheet HTML 8Page - List of Unclassifed Manufacturers F29C51004 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SyncMOS
F29C51004T/F29C51004B
5
F29C51004T/F29C51004B V1.0 November 1998
AC Electrical Characteristics
(over all temperature ranges)
Read Cycle
Program (Erase/Program) Cycle
Parameter
Name
Parameter
-70
-90
-12
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
70
90
120
ns
tAA
Address Access Time
70
90
120
ns
tACS
Chip Enable Access Time
70
90
120
ns
tOE
Output Enable Access Time
35
45
60
ns
tCLZ
CE Low to Output Active
0
0
0
ns
tOLZ
OE Low to Output Active
0
0
0
ns
tDF
OE or CE High to Output in High Z
0
30
0
40
0
50
ns
tOH
Output Hold from Address Change
0
0
0
ns
Parameter
Name
Parameter
-70
-90
-12
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
tWC
Write Cycle Time
70
90
120
ns
tAS
Address Setup Time
0
0
0
ns
tAH
Address Hold Time
45
45
50
ns
tCS
CE Setup Time
0
0
0
ns
tCH
CE Hold Time
0
0
0
ns
tOES
OE Setup Time
0
0
0
ns
tOEH
OE High Hold Time
0
0
0
ns
tWP
WE Pulse Width
35
45
50
ns
tWPH
WE Pulse Width High
20
30
35
ns
tDS
Data Setup Time
30
30
30
ns
tDH
Data Hold Time
0
0
0
ns
tWHWH1
Programming Cycle
20
20
20
µs
tWHWH2
Sector Erase Cycle
10
10
10
ms
tWHWH3
Chip Erase Cycle
2
2
2
sec


Similar Part No. - F29C51004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001B ETC1-F29C51001B Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001T ETC1-F29C51001T Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - F29C51004

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT25FS040 ATMEL-AT25FS040_07 Datasheet
656Kb / 25P
   High Speed Small Sectored SPI Flash Memory 4M (524,288 x 8)
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com