Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1616 Datasheet(PDF) 1 Page - Seme LAB

Part No. 2N1616
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

   
 1 page
background image
2N1616
NPN SILICON
TRANSISTOR
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Continuous Collector Current
PD
Total Device Dissipation
Derate above 100°C
TSTG , TJ
Storage and Operating Junction Temperature Range
60V
60V
8V
5A
85W
570 mW/°C
–65 to +175°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–61 Metal Package.
Pin 1 – Emitter
Pin 2 – Base
Case – Collector
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
• Bipolar Power Transistor
• TO–61 Hermetic Package
• High Current Switching
• LF Large Signal Amplification
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5643
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.

!
19. 0 5
(0 . 7 5 0 )
mi n .
2. 286
(1 / 4 ”)
UNF 2 A
15. 4 2
(0 . 6 0 7 )
ma x .




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CMPT3646NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CMST6427EENHANCED SPECIFICATION SURFACE MOUNT SUPERmini SILICON NPN DARLINGTON TRANSISTOR 1 2 Central Semiconductor Corp
CP235Power Transistor NPN - Silicon Power Transistor Chip 1 2 Central Semiconductor Corp
CZTA44NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CXT491ESURFACE MOUNT NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CZT3090LSURFACE MOUNT LOW VCE SAT NPN SILICON POWER TRANSISTOR 1 2 Central Semiconductor Corp
BD157Plastic Medium Power NPN Silicon Transistor 1 2 3 4 Motorola, Inc
CD9581NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 Continental Device India Limited
CSC1047NPN SILICON PLANAR EPITAXIAL TRANSISTOR 1 2 3 Continental Device India Limited
CSD1833NPN SILICON EPITAXIAL POWER TRANSISTOR 1 2 3 Continental Device India Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl