Part Name
Included
start with
end
match
Description
HZK-L
Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply ( 6 Page)
HITACHI
100%
5 page
HZK-L Series
500
400
300
200
100
200
150
100
50
0
Ambient Temperature Ta (
°C)
0
2.5mm
3mm
Printed circuit board
15
20
1.6t mm
Material: Glass epoxy
×
×
Fig.3 Power Dissipation Vs. Ambient Temperature
Html Pages
1
2
3
4
5
6
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
HZK6C
Silicon
Epitaxial
Planar
Zener
Diodes
for
Stabilized
Power
Supply
1
2
3
4
5
More
Renesas Technology Corp
HZS-N
Silicon
Epitaxial
Planar
Zener
Diode
for
Stabilized
Power
Supply
1
2
3
4
5
More
Renesas Technology Corp
HZH
Silicon
Epitaxial
Planar
Zener
Diode
for
Stabilized
Power
Supply
1
2
3
4
5
More
Renesas Technology Corp
HZ12C1
Silicon
Epitaxial
Planar
Zener
Diode
for
Stabilized
Power
Supply
1
2
3
4
5
More
Renesas Technology Corp
HZ11B1
Silicon
Epitaxial
Planar
Zener
Diode
for
Stabilized
Power
Supply
1
2
3
4
5
More
Hitachi Semiconductor
HZS
Silicon
Epitaxial
Planar
Zener
Diode
for
Stabilized
Power
Supply
1
2
3
4
5
More
Renesas Technology Corp
HZS
Silicon
Epitaxial
Planar
Zener
Diode
for
Stabilized
Power
Supply
1
2
3
4
5
More
Hitachi Semiconductor
HZK-LL
Silicon
Epitaxial
Planar
Zener
Diodes
for
Hard
Knee
Low
Noise
1
2
3
4
5
More
Renesas Technology Corp
HZ-P
Silicon
Epitaxial
Planar
Zener
Diodes
for
Voltage
Controller
-
Voltage
Limitter
1
2
3
4
5
More
Hitachi Semiconductor
HZU10
Silicon
Epitaxial
Planar
Zener
Diodes
for
Stabilizer
1
2
3
4
5
More
Renesas Technology Corp
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl