Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPX48F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BPX48F
Description  Silizium-Differential-Fotodiode Silicon Differential Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BPX48F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BPX48F Datasheet HTML 1Page - List of Unclassifed Manufacturers BPX48F Datasheet HTML 2Page - List of Unclassifed Manufacturers BPX48F Datasheet HTML 3Page - List of Unclassifed Manufacturers BPX48F Datasheet HTML 4Page - List of Unclassifed Manufacturers BPX48F Datasheet HTML 5Page - List of Unclassifed Manufacturers BPX48F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2001-02-21
2
BPX48, BPX48 F
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 … + 80
°C
Löttemperatur (Lötstelle 2 mm vom Gehäuse
entfernt bei Lötzeit
t
≤ 3 s)
Soldering temperature in 2 mm distance from
case bottom (
t
≤ 3 s)
T
S
230
°C
Sperrspannung
Reverse voltage
V
R
10
V
Verlustleistung,
T
A = 25 °C
Total power dissipation
P
tot
50
mW
Kennwerte (
T
A = 25 °C) für jede Einzeldiode
Characteristics (
T
A = 25 °C) per single diode system
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
BPX 48
BPX 48 F
Fotostrom
Photocurrent
V
R = 5 V, Normlicht/standard light A,
T = 2856 K, E
V = 1000 Ix
V
R = 5 V, λ = 950 nm, Ee = 0.5 mW/cm
2
I
P
I
P
24 (
≥ 15)
7.5 (
≥ 4.0)
µA
µA
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
900
920
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
400 … 1150
750 … 1150
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
1.54
1.54
mm
2
Abmessung der bestrahlungsempfindlichen
Fläche
Dimensions of radiant sensitive area
L
× B
L
× W
0.7
× 2.2
0.7
× 2.2
mm
× mm
Abstand Chipoberfläche zu Gehäuseoberfläche
Distance chip front to case surface
H
0.5
0.5
mm


Similar Part No. - BPX48F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX48 SIEMENS-BPX48 Datasheet
245Kb / 5P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
logo
OSRAM GmbH
BPX48 OSRAM-BPX48 Datasheet
197Kb / 9P
   High photosensitivity
More results

Similar Description - BPX48F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX48 SIEMENS-BPX48 Datasheet
245Kb / 5P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
SFH221S SIEMENS-SFH221S Datasheet
221Kb / 4P
   Silizium-Differential-Fotodiode Silicon Differential Photodiode
BPW33 SIEMENS-BPW33 Datasheet
30Kb / 4P
   Silizium-Fotodiode, Silicon Photodiode
BPX90 SIEMENS-BPX90 Datasheet
240Kb / 5P
   Silizium-Fotodiode Silicon Photodiode
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OSRAM GmbH
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
Siemens Semiconductor G...
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BPX61 SIEMENS-BPX61 Datasheet
205Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
logo
OSRAM GmbH
BPW33 OSRAM-BPW33_01 Datasheet
79Kb / 5P
   Silizium-Fotodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com