Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1308 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AT1308
Description  Preliminary Product Information Micro-Power Step up DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT1308 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AT1308 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT1308 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT1308 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1308 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1308 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1308 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1308 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1308 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1308 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AT1308
Preliminary Product Information
Micro-Power Step up DC-DC Converter
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
3
Rev A ; 01/18/05
Recommended Operation Conditions
Electrical Characteristics
(VIN=2.5V, Ta=+25℃, unless otherwise noted)
Values
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
VIN
2.5
6.0
V
Operating temperature
Top
-20
+25
+85
Parameter
Symbol
Test Condition
Min. Typ. Max. Units
Operating V
IN Range
VIN
V
IN input Voltage
2.5
-
6.0
V
Under Voltage Thershold
UVLO
VIN falling, 100mV hysteresis
-
2.2
-
V
Switch- Off Input Current
IIN1
No Switching
-
100
120
uA
Shutdown Current
IIN3
EN=0V
-
-
1
uA
Feedback Reference
VFB
1.212 1.23 1.248
V
FB Input Bais Current
IFB
VFB =1.23V
-
-
1
uA
Output Voltage Line Regulation
2.5V< V
IN <6.0V
-
0.1
-
%
Switching Frequency
fOSC
-
1
-
MHz
Maximum Duty
DMAX
-
90
-
%
Soft-Start charging time
tSS
0.5
ms
Switching Current Limit
ILX
VIN=3.0V,duty cycle=80%
-
400
-
mA
LX ON Resistance
RLX
ILX =350mA
-
0.3
-
Ω
LX Leakage Current
ILeakage
VLX =29V, EN=0V
-
-
1
uA
EN Input Current
IEN
EN=5V
-
-
8
uA
VIH
0.1V hysteresis
2.0
-
-
V
EN Input Level
VIL
-
-
0.8
V
Thermal Shutdown
120


Similar Part No. - AT1308

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
   Micro-Power Step up DC-DC Converter
More results

Similar Description - AT1308

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
   Micro-Power Step up DC-DC Converter
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
   Micro-Power Step up DC-DC Converter
logo
Diodes Incorporated
AP3015 DIODES-AP3015 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
logo
Silicon Standard Corp.
SS8051 SSC-SS8051 Datasheet
433Kb / 9P
   Micro-Power Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE707A ACE-ACE707A Datasheet
194Kb / 9P
   Micro Power Step-up DC-DC Converter
VER 1.2
logo
Silicon Standard Corp.
SS8028 SSC-SS8028 Datasheet
154Kb / 9P
   Micro-Power Step-up DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3015 BCDSEMI-AP3015 Datasheet
202Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AT1396 ETC1-AT1396 Datasheet
800Kb / 24P
   Preliminary Product Information 6-Channel DC-DC Converter for DS
logo
Leshan Radio Company
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
   Low Power DC-DC Step-Up Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com